Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFU9-150-301-4 Datasheet(PDF) 1 Page - ice Components, Ins.

No. de pieza LFU9-150-301-4
Descripción Electrónicos  Line Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ICE [ice Components, Ins.]
Página de inicio  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

LFU9-150-301-4 Datasheet(HTML) 1 Page - ice Components, Ins.

  LFU9-150-301-4 Datasheet HTML 1Page - ice Components, Ins. LFU9-150-301-4 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
1
2
3
4
1
2
3
4
BBB-CCC- DE
0.6 dia
11.0 ma x
7. 0
16.0 max
16.0
max
4.0+/-0. 5
color dot
for pin 1
8.0
1
2
3
4
16.0 max
12.5
max
4.0+/-0.5
color dot
for pin 1
BBB-CCC-DE
8.0
0.6 dia
14.5 max
6.0 max
2.0 max
7.0
1
2
3
4
Features
• Broad frequency attenuation
• UU cores for compact design
• Wide selection available
• Custom designs available
Applications
• Off-Line Switch Mode Power
Supplies
• Conducted EMI Filters
• Office Equipment
• Medical Equipment
Packaging
Horizontal: Tray=130 pieces, Box=16 trays, Box=2080 pieces
Vertical:
Tray=180 pieces, Box=12 trays, Box=2160 pieces
LFu9 Horizontal
LFu9 vertical
1. Tested at 1 kHz,
0.1 Vrms, series.
2. Electrical specs at 25˚ C.
3. Operating range:
-40˚ C to +130˚C.
4. Meets UL 94V-0.
5. Rated current produces
a temperature rise of 40˚ C.
6. Specify H or V at end of part
number for horizontal or
vertical core arrangement.
Front View
Side View
Top View
Schematic
Front View
Side View
Schematic
Top View
Part Number
Inductance1
Inductance1
DCR
Rated
SRF
(mH, nom.)
(mH, min.)
(
Ω,max.)
Current (A)5
(kHz, typ.)
LFU9-030-902-2_
12.96
9.07
2.2
0.3
338
LFU9-050-362-2_
5.2
3.64
0.78
0.5
553
LFU9-080-152-2_
2.19
1.53
0.35
0.8
913
LFU9-120-541-2_
0.77
0.542
0.15
1.2
1729
LFU9-150-401-2_
0.58
0.4
0.09
1.5
1998
LFU9-200-161-2_
0.23
0.16
0.045
2.0
3062
LFU9-018-223-4_
31.36
21.95
6.7
0.18
402
LFU9-030-722-4_
10.24
7.17
2.6
0.3
815
LFU9-040-282-4_
4
2.8
1.15
0.4
1391
LFU9-070-162-4_
2.31
1.62
0.55
0.7
1883
LFU9-150-301-4_
0.41
0.29
0.15
1.5
4710
LFU9-230-111-4_
0.16
0.11
0.065
2.3
7345
Electrical Specifications
units: mm
LFu9 Series
Line Filters
60
(04/08) LFU9-1


Número de pieza similar - LFU9-150-301-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ice Components, Ins.
LFU9-150-301-4 ICE-LFU9-150-301-4 Datasheet
246Kb / 2P
   Line Filters
More results

Descripción similar - LFU9-150-301-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
ice Components, Ins.
LFU16 ICE-LFU16_08 Datasheet
307Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
ELF-18D450H PANASONIC-ELF-18D450H Datasheet
117Kb / 4P
   Line Filters
logo
ice Components, Ins.
LF-20002-1040 ICE-LF-20002-1040 Datasheet
235Kb / 2P
   Line Filters
LFU9 ICE-LFU9 Datasheet
246Kb / 2P
   Line Filters
LFU16 ICE-LFU16 Datasheet
267Kb / 2P
   Line Filters
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com