Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LFU16-230-232-4 Datasheet(PDF) 1 Page - ice Components, Ins. |
|
LFU16-230-232-4 Datasheet(HTML) 1 Page - ice Components, Ins. |
1 / 2 page Specifications subject to change without notice. 800.729.2099 tel www.icecomponents.com BBB CCC - DE - 4 1 2 3 1 2 3 4 10.0 13.0 10.0 BBB-CC C- DE 4 1 2 3 1 2 3 4 13.0 Features • Broad frequency attenuation • UU cores for compact design • Wide selection available • Custom designs available Applications • Off-Line Switch Mode Power Supplies • Conducted EMI Filters • Office Equipment • Medical Equipment Packaging Horizontal: Tray=48 pieces, Box=12 trays, Box=576 pieces Vertical: Tray=100 pieces, Box=12 trays, Box=1200 pieces LFu16 Horizontal LFu16 vertical Part Number Inductance1 Inductance1 DCR Rated5 SRF (mH nom.) (mH min.) ( Ω max.) Current (A) (kHz, typ.) LFU16-060-313-2_ 44.22 30.95 0.73 0.6 177 LFU16-080-193-2_ 27.19 19.03 0.42 0.8 184 LFU16-130-103-2_ 14.86 10.4 0.25 1.3 284 LFU16-170-772-2_ 11.06 7.74 0.17 1.7 353 LFU16-200-492-2_ 7 4.9 0.12 2 404 LFU16-250-412-2_ 5.84 4.09 0.085 2.5 476 LFU16-080-213-4_ 29.6 20.72 0.6 0.8 379 LFU16-100-123-4_ 16.66 11.66 0.35 1 537 LFU16-150-522-4_ 7.4 5.18 0.18 1.5 901 LFU16-180-272-4_ 3.86 2.7 0.11 1.8 1420 LFU16-230-232-4_ 3.29 2.3 0.08 2.3 1475 LFU16-280-192-4_ 2.76 1.93 0.065 2.8 1486 Electrical Specifications 1. Tested at 1 kHz, 0.1 Vrms, series. 2. Electrical specs at 25˚ C. 3. Operating range: -40˚ C to +130˚ C. 4. Meets UL 94V-0. 5. Rated current produces a temperature rise of 40˚ C. 6. Specify H or V at end of part number for horizontal or vertical core arrangement. Top View Schematic Front View Side View Top View Schematic Front View Side View color dot for pin 1 22.5 max 18.5 max 27.5 max 4.0+/-0.5 0.7 dia 22.5 max 24.0 max 20.5 max 0.7 dia 4.0 max 10.0 max 4.0+/-0.5 color dot for pin 1 units: mm LFu16 Series Line Filters 64 (04/08) LFU16-1 |
Número de pieza similar - LFU16-230-232-4 |
|
Descripción similar - LFU16-230-232-4 |