Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK1194 Datasheet(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

No. de pieza 2SK1194
Descripción Electrónicos  VR Series Power MOSFET(230V 0.5A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Página de inicio  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SK1194 Datasheet(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  2SK1194 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SK1194 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SK1194 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SK1194 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SK1194 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SK1194 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SK1194 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SK1194 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SK1194 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Static Drain-Source On-state Resistance
1
10
-50
0
50
100
150
2SK1194
VGS = 10V
pulse test
TYP
ID = 0.5A
Case Temperature Tc [
°C]


Número de pieza similar - 2SK1194

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK1194 ISC-2SK1194 Datasheet
326Kb / 2P
   Isc N-Channel MOSFETransistor
More results

Descripción similar - 2SK1194

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shindengen Electric Mfg...
F05B23VR SHINDENGEN-F05B23VR Datasheet
432Kb / 12P
   VR Series Power MOSFET(230V 0.5A)
2SK1195 SHINDENGEN-2SK1195 Datasheet
395Kb / 10P
   VR Series Power MOSFET(230V 1.5A)
2SK1861 SHINDENGEN-2SK1861 Datasheet
411Kb / 10P
   VR Series Power MOSFET
2SK1931 SHINDENGEN-2SK1931 Datasheet
370Kb / 9P
   VR Series Power MOSFET(200V 5A)
logo
Rohm
RDR005N25 ROHM-RDR005N25 Datasheet
546Kb / 13P
   Nch 250V 0.5A Power MOSFET
R6000ENH ROHM-R6000ENH Datasheet
2Mb / 14P
   Nch 600V 0.5A Power MOSFET
logo
Unisonic Technologies
1N60A UTC-1N60A_11 Datasheet
218Kb / 8P
   0.5A, 600V N-CHANNEL POWER MOSFET
1N65A UTC-1N65A Datasheet
202Kb / 8P
   0.5A, 650V N-CHANNEL POWER MOSFET
logo
Sanyo Semicon Device
DFD05T SANYO-DFD05T Datasheet
47Kb / 2P
   0.5A Power Rectifier
logo
Winbond
W51300 WINBOND-W51300 Datasheet
183Kb / 12P
   FLASH VR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com