Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC1408D650HN Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza DAC1408D650HN
Descripción Electrónicos  Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1408D650HN Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button DAC1408D650HN Datasheet HTML 4Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 5Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 6Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 7Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 8Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 9Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 10Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 11Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
DAC1408D650
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 26 November 2010
8 of 98
NXP Semiconductors
DAC1408D650
2
, 4 or 8 interpolating DAC with JESD204A
Vidth
input differential
threshold voltage
V
gpd < 50 mV
[4]
C
100
-
+100
mV
Ri
input resistance
D
-
10
-
M
CI
input capacitance
D
-
0.5
-
pF
Digital inputs (SDIO, SCLK, SCS_N, RESET_N)
VIL
LOW-level input
voltage
CGND
-
0.3VDDD
V
VIH
HIGH-level input
voltage
C0.7VDDD -VDDD
V
IIL
LOW-level input
current
VIL =0.3VDDD VI
-
1
-
A
IIH
HIGH-level input
current
VIH =0.7VDDD VI
-
1
-
A
Digital outputs (SDO, SDIO)
VOL
LOW-level output
voltage
Iload =2mA
C
GND
-
0.13
V
VOH
HIGH-level output
voltage
Iload =2 mA
C
1.65
-
VDDD
V
Digital inputs (Vin_p/Vin_n)[5]
VI(cm)
common-mode input
voltage
D
-
0.78
-
V
VI(dif)(p-p)
peak-to-peak
differential input
voltage
D
175
-
1000
mV
Ztt
Vtt source impedance
D
-
0.7
-
Z
i
differential input
impedance
D
-
100
-
Digital outputs (SYNC_OUTN/SYNC_OUTP)[6]
Vo(cm)
common-mode output
voltage
C
-
1.18
-
V
Vo(dif)(p-p)
peak-to-peak
differential output
voltage
C-
0.45
-
V
Digital inputs/outputs (MDS_N/MDS_P)
Vo(dif)(p-p)
peak-to-peak
differential output
voltage
D
-
600
-
mV
Co(L)
output load
capacitance
between pins GND and
MDS_N or MDS_P
D-
-
10
pF
CI
input capacitance
between pins GND and
MDS_N or MDS_P
D
-
0.3
-
pF
Table 5.
Characteristics …continued
VDDA(1V8) =VDDD = 1.7 V to 1.9 V; VDDA(3V3) = 3.13 V to 3.47 V; AGND and GND are shorted together; Tamb = 40 C to
+85
C; typical values measured at V
DDA(1V8) =VDDD =1.8 V; VDDA(3V3) =3.3 V; Tamb =+25 C; RL =50 ; IO(fs) =20mA;
maximum sample rate; PLL off unless otherwise specified.
Symbol
Parameter
Conditions
Test[1]
Min
Typ
Max
Unit


Número de pieza similar - DAC1408D650HN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
DAC1408D650HN NXP-DAC1408D650HN Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
logo
Integrated Device Techn...
DAC1408D650HN IDT-DAC1408D650HN Datasheet
689Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1408D650HN RENESAS-DAC1408D650HN Datasheet
693Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
More results

Descripción similar - DAC1408D650HN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
DAC1408D650 IDT-DAC1408D650 Datasheet
689Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1408D650 RENESAS-DAC1408D650 Datasheet
693Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1008D650 RENESAS-DAC1008D650 Datasheet
631Kb / 96P
   Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
Integrated Device Techn...
DAC1208D650 IDT-DAC1208D650 Datasheet
629Kb / 96P
   Dual 12-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1208D650 RENESAS-DAC1208D650 Datasheet
633Kb / 96P
   Dual 12-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1408D750 RENESAS-DAC1408D750 Datasheet
633Kb / 96P
   Dual 14-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
NXP Semiconductors
DAC1408D650_1008 NXP-DAC1408D650_1008 Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
logo
Renesas Technology Corp
DAC1008D750 RENESAS-DAC1008D750 Datasheet
632Kb / 97P
   Dual 10-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1208D750 RENESAS-DAC1208D750 Datasheet
730Kb / 96P
   Dual 12-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
NXP Semiconductors
DAC1408D650 NXP-DAC1408D650 Datasheet
360Kb / 88P
   Dual 14-bit DAC, up to 650 Msps, 2쨈 and 4쨈 interpolating with JESD204A interface
Rev. 01-26 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com