Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD103AWS Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No. de pieza SD103AWS
Descripción Electrónicos  200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Página de inicio  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

SD103AWS Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  SD103AWS Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd SD103AWS Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd SD103AWS Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd SD103AWS Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Number: DB-222
August 2010, Revision A
Page 2
TAK CHEONG
®
SEMICONDUCTOR
Typical Characteristics
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature [
℃]
f = 1MHz
Ta = 25
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
VR - Reverse Voltage [V]
Figure 2. Total Capacitance
Figure 1. Forward Current Derating Curve
Figure 3. Forward Characteristics
Figure 4. Forward Characteristics


Número de pieza similar - SD103AWS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Microdiode Electronics ...
SD103AWS CHENDA-SD103AWS Datasheet
316Kb / 3P
   Schottky Barrier Diode
logo
Dc Components
SD103AWS DCCOM-SD103AWS Datasheet
261Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Galaxy Semi-Conductor H...
SD103AWS BILIN-SD103AWS Datasheet
274Kb / 4P
   Schottky Barrier Diode
logo
Micro Commercial Compon...
SD103AWS MCC-SD103AWS Datasheet
173Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
More results

Descripción similar - SD103AWS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tak Cheong Electronics ...
RB551V-30 TAK_CHEONG-RB551V-30 Datasheet
122Kb / 4P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Schottky Barrier Diode
RB501V-40 TAK_CHEONG-RB501V-40_10 Datasheet
1,020Kb / 4P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Schottky Barrier Diode
RB501V-40 TAK_CHEONG-RB501V-40 Datasheet
97Kb / 2P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Schottky Barrier Diode
BAT54WS TAK_CHEONG-BAT54WS Datasheet
129Kb / 4P
   200mW SOD-323 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
RB751V-40 TAK_CHEONG-RB751V-40 Datasheet
120Kb / 4P
   200mW SOD-323 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
BAT42WS TAK_CHEONG-BAT42WS Datasheet
129Kb / 4P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Schottky Barrier Diode
logo
Yea Shin Technology Co....
1N4148WSFL-A YEASHIN-1N4148WSFL-A Datasheet
821Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
1N4148WSFL YEASHIN-1N4148WSFL Datasheet
758Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
1N4448WSFL YEASHIN-1N4448WSFL Datasheet
758Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
1N4448WSFL-A YEASHIN-1N4448WSFL-A Datasheet
821Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com