Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1N4448WT Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No. de pieza TC1N4448WT
Descripción Electrónicos  200mW SOD-523 SURFACE MOUNT Fast Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Página de inicio  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TC1N4448WT Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TC1N4448WT Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N4448WT Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N4448WT Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N4448WT Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N4448WT Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Number: DB-001
July 2011, Revision F
Page 1
TAK CHEONG
®
SEMICONDUCTOR
200mW SOD-523 SURFACE MOUNT
Very Small Outline Flat Lead Plastic Package
General Purpose Application
Fast Switching Diode
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
TSTG
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
+150
°C
VRSM
Non-Repetitive Peak Reverse Voltage
100
V
VRRM
Repetitive Peak Reverse Voltage
75
V
IFRM
Repetitive Peak Forward Current
300
mA
IO
Continuous Forward Current
150
mA
IFSM
Non-repetitive Peak Forward Surge Current
(Pulse Width=1us)
2
A
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Fast Switching Device (TRR <4.0 nS)
General Purpose Diodes
Extremely Small SOD-523 Package
Flat Lead SOD-523 Small Outline Plastic Package
Surface Device Type Mounting
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
DEVICE MARKING CODE:
Device Type
Device Marking
TC1N4148WT
E1
TC1N4448WT
E2
TC1N914BWT
E3
Electrical Characteristics
TA = 25°C unless otherwise noted
Limits
Symbol
Parameter
Test Condition
Min
Max
Unit
BV
Breakdown Voltage
IR=100µA
IR=5µA
100
75
Volts
IR
Reverse Leakage Current
VR=20V
VR=75V
25
5
nA
µA
VF
Forward Voltage
TC1N4448WT, TC1N914BWT
TC1N4448WT, TC1N4148WT
TC1N4448WT, TC1N914BWT
IF=5mA
IF=10mA
IF=100mA
0.62
0.72
1.0
1.0
Volts
TRR
Reverse Recovery Time
IF=10mA
IR=60mA
RL=100Ω
IRR=1mA
4
nS
C
Capacitance
VR=0V, f=1MHZ
4
pF


Número de pieza similar - TC1N4448WT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tak Cheong Electronics ...
TC1N4448WT TAK_CHEONG-TC1N4448WT Datasheet
678Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
More results

Descripción similar - TC1N4448WT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tak Cheong Electronics ...
TC1SS400 TAK_CHEONG-TC1SS400_11 Datasheet
186Kb / 5P
   200mW SOD-523 SURFACE MOUNT High Speed Switching Diode
TCBAS16 TAK_CHEONG-TCBAS16_11 Datasheet
185Kb / 5P
   200mW SOD-523 SURFACE MOUNT High Speed Switching Diode
1SS422 TAK_CHEONG-1SS422_11 Datasheet
185Kb / 5P
   200mW SOD-523 SURFACE MOUNT High Speed Switching Diode
logo
Yea Shin Technology Co....
MM5Z2V4 YEASHIN-MM5Z2V4 Datasheet
1Mb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Shunye Enterprise
1SS400 SHUNYE-1SS400 Datasheet
227Kb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Rectron Semiconductor
1N4148WT RECTRON-1N4148WT Datasheet
189Kb / 6P
   200mW SOD-523 SURFACE MOUNT
logo
Nanjing International G...
RB521S-30 DGNJDZ-RB521S-30 Datasheet
159Kb / 3P
   200mW SOD-523 SURFACE MOUNT
logo
Yea Shin Technology Co....
MM5ZXXVB YEASHIN-MM5ZXXVB Datasheet
1Mb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Tak Cheong Electronics ...
BZX584B2V4 TAK_CHEONG-BZX584B2V4 Datasheet
279Kb / 5P
   200mW SOD-523 SURFACE MOUNT
logo
Yea Shin Technology Co....
MM5ZXXV YEASHIN-MM5ZXXV Datasheet
1Mb / 4P
   200mW SOD-523 SURFACE MOUNT
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com