Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2475 Datasheet(PDF) 6 Page - Shindengen Electric Mfg.Co.Ltd

No. de pieza 2SK2475
Descripción Electrónicos  VX-2 Series Power MOSFET(500V 12A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Página de inicio  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SK2475 Datasheet(HTML) 6 Page - Shindengen Electric Mfg.Co.Ltd

Back Button 2SK2475 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SK2475 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SK2475 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SK2475 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SK2475 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SK2475 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SK2475 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SK2475 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd 2SK2475 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Safe Operating Area
0.01
0.1
1
10
100
1
10
100
1000
2SK2475
100
µs
Tc = 25
°C
Single Pulse
200
µs
1ms
10ms
DC
Drain-Source Voltage VDS [V]
RDS(ON)
limit


Número de pieza similar - 2SK2475

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK2475 ISC-2SK2475 Datasheet
59Kb / 2P
   Fast Switching Speed
More results

Descripción similar - 2SK2475

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shindengen Electric Mfg...
2SK2191 SHINDENGEN-2SK2191 Datasheet
389Kb / 10P
   VX-2 Series Power MOSFET(500V 12A)
2SK2192 SHINDENGEN-2SK2192 Datasheet
393Kb / 10P
   VX-2 Series Power MOSFET(500V 12A)
2SK2193 SHINDENGEN-2SK2193 Datasheet
395Kb / 10P
   VX-2 Series Power MOSFET(500V 12A)
2SK3012 SHINDENGEN-2SK3012 Datasheet
429Kb / 12P
   VX-2 Series Power MOSFET(600V 12A)
2SK2186 SHINDENGEN-2SK2186 Datasheet
396Kb / 10P
   VX-2 Series Power MOSFET(500V 10A)
2SK2196 SHINDENGEN-2SK2196 Datasheet
394Kb / 10P
   VX-2 Series Power MOSFET(500V 20A)
2SK2182 SHINDENGEN-2SK2182 Datasheet
409Kb / 10P
   VX-2 Series Power MOSFET(500V 3A)
2SK2184 SHINDENGEN-2SK2184 Datasheet
403Kb / 10P
   VX-2 Series Power MOSFET(500V 5A)
2SK2197 SHINDENGEN-2SK2197 Datasheet
394Kb / 10P
   VX-2 Series Power MOSFET(500V 20A)
2SK2179 SHINDENGEN-2SK2179 Datasheet
271Kb / 6P
   VX-2 Series Power MOSFET(500V 3A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com