Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS1524-CTDE3 Datasheet(PDF) 11 Page - Gennum Corporation

No. de pieza GS1524-CTDE3
Descripción Electrónicos  Multi-Rate SDI Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1524-CTDE3 Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS1524-CTDE3 Datasheet HTML 7Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 8Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 9Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 10Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 11Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 12Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 13Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 14Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
GS1524 Multi-Rate SDI Adaptive Cable Equalizer
Data Sheet
14976 - 11
August 2011
11 of 16
Figure 4-9: Input 280m (Belden 8281), 270Mb/s
Figure 4-10: Output 280m (Belden 8281), 270Mb/s
Figure 4-11: Input Return Loss using CB1524 Board
0.05 GHz
1 GHz
2 GHz
0
-10
-20
-30
-40
-50


Número de pieza similar - GS1524-CTDE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1524-CTDE3 GENNUM-GS1524-CTDE3 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
More results

Descripción similar - GS1524-CTDE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
EBK-GS3140-00 SEMTECH-EBK-GS3140-00 Datasheet
1Mb / 40P
   Multi-Rate Adaptive 3G SDI Equalizer
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
logo
Gennum Corporation
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
   Multi-Rate 6G UHD-SDI Equalizer
logo
Gennum Corporation
GS9064 GENNUM-GS9064 Datasheet
202Kb / 10P
   GS9064 SD SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS12341 SEMTECH-GS12341 Datasheet
4Mb / 109P
   12G UHD-SDI Reclocking Adaptive Cable Equalizer
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS3241 SEMTECH-GS3241 Datasheet
4Mb / 108P
   3G-SDI Re-timing Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com