Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS1540 Datasheet(PDF) 5 Page - Gennum Corporation

No. de pieza GS1540
Descripción Electrónicos  HDTV Serial Digital Non-Equalizing Receiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1540 Datasheet(HTML) 5 Page - Gennum Corporation

  GS1540 Datasheet HTML 1Page - Gennum Corporation GS1540 Datasheet HTML 2Page - Gennum Corporation GS1540 Datasheet HTML 3Page - Gennum Corporation GS1540 Datasheet HTML 4Page - Gennum Corporation GS1540 Datasheet HTML 5Page - Gennum Corporation GS1540 Datasheet HTML 6Page - Gennum Corporation GS1540 Datasheet HTML 7Page - Gennum Corporation GS1540 Datasheet HTML 8Page - Gennum Corporation GS1540 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
GENNUM CORPORATION
522 - 27 - 03
5 of 17
AC ELECTRICAL CHARACTERISTICS - SERIAL TO PARALLEL STAGE
VCC = 5V, TA = 25°C
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
TEST LEVEL
Parallel Output Clock Frequency
SMPTE 292M
PCLK_OUT
74.25/1.001
74.25
-
MHz
3
Clock Pulse Width Low
15pF load
tPWL
7-
6.1
ns
7
Clock Pulse Width High
15pF load
tPWH
6-
6.4
ns
7
Output signal Rise/Fall time
15pF load
tr, tf
-
2.70
3.60
ns
7
Output Signal Rise/Fall Time Matching
15pF load
trfm
-
1.00
1.60
ns
7
Output Setup Time
15pF load
tOD
55.5
-
ns
7
Output Hold Time
15pF load
tOH
6.2
7.1
-
ns
7
TEST LEVELS
1. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges using
correlated test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1,2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar product.
9. Indirect test.


Número de pieza similar - GS1540

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540-CQR GENNUM-GS1540-CQR Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
More results

Descripción similar - GS1540

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com