Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS1559-CB Datasheet(PDF) 10 Page - Gennum Corporation

No. de pieza GS1559-CB
Descripción Electrónicos  HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1559-CB Datasheet(HTML) 10 Page - Gennum Corporation

Back Button GS1559-CB Datasheet HTML 6Page - Gennum Corporation GS1559-CB Datasheet HTML 7Page - Gennum Corporation GS1559-CB Datasheet HTML 8Page - Gennum Corporation GS1559-CB Datasheet HTML 9Page - Gennum Corporation GS1559-CB Datasheet HTML 10Page - Gennum Corporation GS1559-CB Datasheet HTML 11Page - Gennum Corporation GS1559-CB Datasheet HTML 12Page - Gennum Corporation GS1559-CB Datasheet HTML 13Page - Gennum Corporation GS1559-CB Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
GS1559 HD-LINX™ II Multi-Rate Deserializer with
Loop-Through Cable Driver
Data Sheet
30572 - 8
July 2008
10 of 71
D8
CANC
Synchronous
with PCLK
Output
STATUS SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to indicate the presence of ancillary data in the video stream.
HD Mode (SD/HD = LOW)
The CANC signal will be HIGH when the device has detected VANC or
HANC data in the chroma video stream and LOW otherwise.
SD Mode (SD/HD = LOW)
For 20-bit demultiplexed data (20bit/10bit = HIGH), the CANC signal
will be HIGH when VANC or HANC data is detected in the Chroma
video stream and LOW otherwise.
For 10-bit multiplexed data (20bit/10bit = LOW), the CANC signal will
be HIGH when VANC or HANC data is detected anywhere in the data
stream and LOW otherwise.
E2
TERM1
Analog
Input
Termination for Serial Digital Input 1. AC couple to EQ_GND.
E4
SD/HD
Non
Synchronous
Input /
Output
CONTROL SIGNAL INPUT / STATUS SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
This pin will be an input set by the application layer in Slave mode, and
will be an output set by the device in Master mode.
Master mode (MASTER/SLAVE = HIGH)
The SD/HD signal will be LOW whenever the received serial digital
signal is 1.485Gb/s or 1.485/1.001Gb/s.
The SD/HD signal will be HIGH whenever the received serial digital
signal is 270Mb/s.
Slave mode (MASTER/SLAVE = LOW)
When set LOW, the device will be configured for the reception of
1.485Gb/s or 1.485/1.001Gb/s signals only and will not lock to any other
serial digital signal.
When set HIGH, the device will be configured for the reception of
270Mb/s signals only and will not lock to any other serial digital signal.
NOTE: When in Slave mode, reset the device after the SD/HD input has
been initially configured, and after each subsequent SD/HD data rate
change.
NOTE: This pin has an internal pull-up resistor of 100K.
E5, F5
CORE_GND
Power
Ground connection for the digital core logic. Connect to digital GND.
E6, F6
CORE_VDD
Power
Power Supply connection for the digital core logic. Connect to +1.8V
DC digital.
F1
CD1
Non
Synchronous
Input
STATUS SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to indicate the presence of a serial digital input signal. Normally
generated by a Gennum automatic cable Equalizer.
When LOW, the serial digital input signal received at the DDI1 and
DDI1 pins is considered valid.
When HIGH, the associated serial digital input signal is considered to
be invalid. In this case, the LOCKED signal is set LOW and all parallel
outputs are muted.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Número de pieza similar - GS1559-CB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1559-CB GENNUM-GS1559-CB Datasheet
1Mb / 74P
   GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1559-CBE2 GENNUM-GS1559-CBE2 Datasheet
1Mb / 74P
   GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
More results

Descripción similar - GS1559-CB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1559 GENNUM-GS1559 Datasheet
1Mb / 74P
   GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS9060 GENNUM-GS9060 Datasheet
941Kb / 61P
   HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com