Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS2974ACNTE3Z Datasheet(PDF) 6 Page - Gennum Corporation

No. de pieza GS2974ACNTE3Z
Descripción Electrónicos  HD-LINX III Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2974ACNTE3Z Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS2974ACNTE3Z Datasheet HTML 2Page - Gennum Corporation GS2974ACNTE3Z Datasheet HTML 3Page - Gennum Corporation GS2974ACNTE3Z Datasheet HTML 4Page - Gennum Corporation GS2974ACNTE3Z Datasheet HTML 5Page - Gennum Corporation GS2974ACNTE3Z Datasheet HTML 6Page - Gennum Corporation GS2974ACNTE3Z Datasheet HTML 7Page - Gennum Corporation GS2974ACNTE3Z Datasheet HTML 8Page - Gennum Corporation GS2974ACNTE3Z Datasheet HTML 9Page - Gennum Corporation GS2974ACNTE3Z Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
GS2974A HD-LINX™ III Adaptive Cable Equalizer
Data Sheet
42216 - 3
January 2009
6 of 16
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Parameter
Value
Supply Voltage
-0.3V to +3.6 VDC
Input ESD Voltage
2kV
Storage Temperature Range
-50°C < Ts < 125°C
Input Voltage Range (any input)
-0.3 to (VCC +0.3)V
Operating Temperature Range
0°C to 70°C
Solder Reflow Temperature
260°C
Table 2-1: DC Electrical Characteristics
VCC = 3.3V ±5%, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Supply Voltage
VCC
3.135
3.3
3.465
V
±5%
Power Consumption
PD
TA = 25°C
215
343
mW
Supply Current
Is
TA = 25°C
–65
98
mA
Output Common Mode
Voltage
VCMOUT
TA = 25°C
–VCC - ΔVSDO/2
V
Input Common Mode Voltage
VCMIN
TA = 25°C
–1.75–
V
MCLADJ DC Voltage (to mute
signal)
–0m, TA = 25°C
–3.2
V
MCLADJ Range
TA = 25°C
–0.5
V
CD Output Voltage
VCD(OH)
Carrier not
present
2.4
V
VCD(OL)
Carrier present
0.4
V
Mute Input Voltage Required
to Force Outputs to Mute
VMute
Min to Mute
2.0
V
Mute Input Voltage Required
to Force Outputs Active
VMute
Max to
Activate
––
0.8
V


Número de pieza similar - GS2974ACNTE3Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
GS2974ACNTE3Z SEMTECH-GS2974ACNTE3Z Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
More results

Descripción similar - GS2974ACNTE3Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
GS2974B SEMTECH-GS2974B Datasheet
703Kb / 17P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
   HD-LINX III Adaptive Cable Equalizer
logo
Semtech Corporation
GS2974A SEMTECH-GS2974A Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS1574A SEMTECH-GS1574A Datasheet
1Mb / 16P
   HD-LINX짰 II Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com