Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40400RHLT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40400RHLT
Descripción Electrónicos  3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40400RHLT Datasheet(HTML) 3 Page - Texas Instruments

  TPS40400RHLT Datasheet HTML 1Page - Texas Instruments TPS40400RHLT Datasheet HTML 2Page - Texas Instruments TPS40400RHLT Datasheet HTML 3Page - Texas Instruments TPS40400RHLT Datasheet HTML 4Page - Texas Instruments TPS40400RHLT Datasheet HTML 5Page - Texas Instruments TPS40400RHLT Datasheet HTML 6Page - Texas Instruments TPS40400RHLT Datasheet HTML 7Page - Texas Instruments TPS40400RHLT Datasheet HTML 8Page - Texas Instruments TPS40400RHLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
TPS40400
www.ti.com
SLUS930B
– APRIL 2011 – REVISED OCTOBER 2011
ELECTROSTATIC DISCHARGE PROTECTION
MIN
TYP
MAX
UNIT
Human Body Model (HBM)
2500
V
Charged Device Model (CDM)
1500
V
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, these specifications apply for
–40°C ≤ TJ ≤ 125°C, VDD= 12 Vdc, FREQUENCY_SWITCH = 600 kHz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VVDD
Input voltage range
3
20
V
IVDD
Input operating current
Switching, no driver load
6
15
mA
VOLTAGE REFERENCE
VFB
Feedback pin voltage default settings
-40
ºC ≤ TJ ≤ 125ºC
594
600
606
mV
VFB(max)
Feedback pin voltage maximum adjustment
750
mV
VFB(min)
Feedback pin voltage minimum adjustment
450
mV
VFB(inc)
Feedback pin voltage adjustment resolution
2.34
mV
Maximum nonlinearity error over adjustment
VFB(NL)
10
mV
range
BP6 REGULATOR
VBP6
6-V regulator output voltage
6.2
6.5
6.8
V
VDO6
Regulator dropout voltage, (VVDD – VBP6)
VVDD = 6 V, IBP6 = 50 mA
300
mV
IBP6
Regulator current limit
100
mA
BP3 REGULATOR
VBP3
3.3-V regulator output voltage
3.1
3.3
3.5
V
VDO3
Regulator dropout voltage, (VVDD – VBP3)
VVDD = 3V, IBP3 = 5 mA
100
200
mV
OSCILLATOR
fSW
Switching frequency
Factory default setting
480
600
720
kHz
Nominal frequency range
200
2000
Accuracy
3 V
≤ VVDD ≤ 20 V, 200 kHz ≤ fSW ≤ 2 MHz
–20%
20%
VIH
SYNC high-level input voltage
2.0
V
VIL
SYNC low-level input voltage
0.4
VSYNC = 6 V
100
ISYNC
SYNC pin leakage current
nA
VSYNC = 0 V
100
tSRISE
Maximum SYNC rise time(1)
100
ns
tSYNC
Minimum SYNC pulse width
100
ns
FREQUENCY_SWITCH = 200 kHz
VVDD/6.6
VVDD/6.5
VVDD/6.3
V
VRMP
Ramp amplitude(1)
FREQUENCY_SWITCH = 600 kHz
VVDD/7.0
VVDD/6.8
VVDD/6.6
FREQUENCY_SWITCH = 2000 kHz
VVDD/10
VVDD/9.6
VVDD/9.2
VVLY
Valley voltage(1)
0.9
fSYNC
SYNC range % of nominal oscillator frequency
200 kHz
≤ fSW ≤ 2 MHz
85%
150%
PULSE WIDTH MODULATOR (PWM)
FREQUENCY_SWITCH = 600 kHz
90%
DMAX
Maximum duty cycle(1) (2)
FREQUENCY_SWITCH = 1.2 MHz
85%
FREQUENCY_SWITCH = 2 MHz
75%
tOFF(min)
Minimum OFF time
170
225
ns
tON(min)
Minimum controllable pulse(1)
TJ = 25°C, fSW = 600 kHz
75
ns
(1)
Ensured by design. Not production tested.
(2)
Operation at 3 V reduces maximum duty cycle by approximately 5%.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPS40400


Número de pieza similar - TPS40400RHLT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40400RHLT TI1-TPS40400RHLT Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
More results

Descripción similar - TPS40400RHLT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI-TPS40400_15 Datasheet
2Mb / 82P
[Old version datasheet]   TPS40400 3-V to 20-V PMBus Synchronous Buck Controller
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
[Old version datasheet]   3-V to 20-V Input Synchronous Buck Controller
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303_15 Datasheet
2Mb / 37P
[Old version datasheet]   TPS4030x 3-V to 20-V Input Synchronous Buck Controller
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com