Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS9025ACQM Datasheet(PDF) 9 Page - Gennum Corporation

No. de pieza GS9025ACQM
Descripción Electrónicos  Serial Digital Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9025ACQM Datasheet(HTML) 9 Page - Gennum Corporation

Back Button GS9025ACQM Datasheet HTML 5Page - Gennum Corporation GS9025ACQM Datasheet HTML 6Page - Gennum Corporation GS9025ACQM Datasheet HTML 7Page - Gennum Corporation GS9025ACQM Datasheet HTML 8Page - Gennum Corporation GS9025ACQM Datasheet HTML 9Page - Gennum Corporation GS9025ACQM Datasheet HTML 10Page - Gennum Corporation GS9025ACQM Datasheet HTML 11Page - Gennum Corporation GS9025ACQM Datasheet HTML 12Page - Gennum Corporation GS9025ACQM Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
GENNUM CORPORATION
522 - 75 - 05
9 of 18
Fig. 14 Typical Input Jitter Tolerance (Characterized)
Fig. 15 Typical IJT vs. Temperature (VCC = 5.0V) (Characterized)
DETAILED DESCRIPTION
The GS9025A Serial Digital Receiver is a bipolar integrated
circuit containing a built-in cable equalizer and reclocker.
Serial digital signals are applied to either the analog
SDI/SDI or digital DDI/DDI inputs. Signals applied to the
SDI/SDI inputs are equalized and then passed to a
multiplexer. Signals applied to the DDI/DDI inputs bypass
the equalizer and go directly to the multiplexer. The
analog/digital select pin (A/D) determines which signal is
then passed to the reclocker.
Packaged in a 44 pin MQFP, the receiver operates from a
single 5V supply to data rates of 540Mb/s. Typical power
consumption is 575mW.
1. CABLE EQUALIZER
The automatic cable equalizer is designed to equalize
serial digital data signals from 143Mb/s to 540Mb/s.
The serial data signal is connected to the input pins
(SDI/SDI) either differentially or single-ended. An input
return loss of 20dB at 270 Mb/s has typically been achieved
on the CB9025A characterization board. The input signal
then passes through a variable gain equalizing stage
whose frequency response closely matches the inverse
cable loss characteristic. The variation of the frequency
response with control voltage imitates the variation of the
inverse cable loss characteristic with cable length. The gain
stage provides up to 40dB of gain at 200MHz which
typically results in equalization of greater than 350m at
270Mb/s of Belden 8281 cable.
The edge energy of the equalized signal is monitored by a
detector
circuit
which
produces
an
error
signal
corresponding to the difference between the desired edge
energy and the actual edge energy. This error signal is
integrated by an external differential AGC filter capacitor
(AGC+/AGC-) providing a steady control voltage for the
gain stage. As the frequency response of the gain stage is
automatically
varied
by
the
application
of
negative
feedback, the edge energy of the equalized signal is kept
at a constant level which is representative of the original
edge energy at the transmitter.
The equalized signal is DC restored, effectively restoring
the logic threshold of the equalized signal to its corrective
level irrespective of shifts due to AC coupling.
1.1
Signal Strength Indication/Carrier Detect
The GS9025A incorporates an analog signal strength
indicator/carrier detect (SSI/CD) output indicating both the
presence of a carrier and the amount of equalization
applied to the signal. The voltage output of this pin versus
cable length (signal strength) is shown in Figures 2 and 16.
With 0m of cable (800mV input signal levels), the SSI/CD
output voltage is approximately 4.5V. As the cable length
increases, the SSI/CD voltage decreases linearly providing
accurate correlation between the SSI/CD voltage and cable
length.
Fig. 16 SSI/CD Voltage vs. Cable Length
0
0.1
0.2
0.3
0.4
0.5
0.6
100
200
300
400
500
600
DATA RATE (Mb/s)
TA = 0 to 70˚C, VCC = 4.75 to 5.25V
0.200
0.250
0.300
0.350
0.400
0.450
0.500
0.550
0.600
0
1020
3040
5060
70
TEMPERATURE (C˚)
143Mb/s
177Mb/s
270Mb/s
360Mb/s
540Mb/s
0
1
2
3
4
5
50
100
150
200
250
300
350
400
450
500
CABLE LENGTH (m)
0
CD_ADJ
CONTROL RANGE


Número de pieza similar - GS9025ACQM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS9025ACQM GENNUM-GS9025ACQM Datasheet
192Kb / 18P
   Serial Digital Receiver
More results

Descripción similar - GS9025ACQM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A Datasheet
192Kb / 18P
   Serial Digital Receiver
GS7025 GENNUM-GS7025 Datasheet
134Kb / 13P
   Serial Digital Receiver
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com