Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS9062-CF Datasheet(PDF) 8 Page - Gennum Corporation

No. de pieza GS9062-CF
Descripción Electrónicos  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062-CF Datasheet(HTML) 8 Page - Gennum Corporation

Back Button GS9062-CF Datasheet HTML 4Page - Gennum Corporation GS9062-CF Datasheet HTML 5Page - Gennum Corporation GS9062-CF Datasheet HTML 6Page - Gennum Corporation GS9062-CF Datasheet HTML 7Page - Gennum Corporation GS9062-CF Datasheet HTML 8Page - Gennum Corporation GS9062-CF Datasheet HTML 9Page - Gennum Corporation GS9062-CF Datasheet HTML 10Page - Gennum Corporation GS9062-CF Datasheet HTML 11Page - Gennum Corporation GS9062-CF Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
8 of 46
27
CS_TMS
Synchronous
with
SCLK_TCK
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Chip Select / Test Mode Select
Host Mode (JTAG/HOST = LOW)
CS_TMS operates as the host interface chip select, CS, and is
active LOW.
JTAG Test Mode (JTAG/HOST = HIGH)
CS_TMS operates as the JTAG test mode select, TMS, and is
active HIGH.
NOTE: If the host interface is not being used, tie this pin HIGH.
28
SDOUT_TDO
Synchronous
with
SCLK_TCK
Output
CONTROL SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
Serial Data Output / Test Data Output
Host Mode (JTAG/HOST = LOW)
SDOUT_TDO operates as the host interface serial output,
SDOUT, used to read status and configuration information from
the internal registers of the device.
JTAG Test Mode (JTAG/HOST = HIGH)
SDOUT_TDO operates as the JTAG test data output, TDO.
29
SDIN_TDI
Synchronous
with
SCLK_TCK
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Serial Data In / Test Data Input
Host Mode (JTAG/HOST = LOW)
SDIN_TDI operates as the host interface serial input, SDIN, used
to write address and configuration information to the internal
registers of the device.
JTAG Test Mode (JTAG/HOST = HIGH)
SDIN_TDI operates as the JTAG test data input, TDI.
NOTE: If the host interface is not being used, tie this pin HIGH.
30
SCLK_TCK
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Serial Data Clock / Test Clock.
Host Mode (JTAG/HOST = LOW)
SCLK_TCK operates as the host interface burst clock, SCLK.
Command and data read/write words are clocked into the device
synchronously with this clock.
JTAG Test Mode (JTAG/HOST = HIGH)
SCLK_TCK operates as the JTAG test clock, TCK.
NOTE: If the host interface is not being used, tie this pin HIGH.
32
BLANK
Synchronous
with PCLK
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to enable or disable input data blanking.
When set LOW, the luma and chroma input data is set to the
appropriate blanking levels. Horizontal and vertical ancillary
spaces will also be set to blanking levels.
When set HIGH, the luma and chroma input data pass through
the device unaltered.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Número de pieza similar - GS9062-CF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS9062-CF GENNUM-GS9062-CF Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9062-CFE3 GENNUM-GS9062-CFE3 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results

Descripción similar - GS9062-CF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9060 GENNUM-GS9060 Datasheet
941Kb / 61P
   HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
logo
National Semiconductor ...
LMH0340 NSC-LMH0340_08 Datasheet
470Kb / 24P
   3G, HD, SD, DVB-ASI SDI Serializer and Driver with LVDS Interface
logo
Texas Instruments
LMH0041 TI1-LMH0041 Datasheet
944Kb / 33P
[Old version datasheet]   HD, SD, DVB-ASI SDI Deserializer
LMH0340SQE TI1-LMH0340SQE Datasheet
926Kb / 30P
[Old version datasheet]   3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver With LVDS Interface
logo
National Semiconductor ...
LMH0340 NSC-LMH0340_09 Datasheet
517Kb / 26P
   3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver with LVDS Interface
LMH0341 NSC-LMH0341_08 Datasheet
530Kb / 28P
   3G, HD, SD, DVB-ASI SDI Deserializer with Loopthrough and LVDS Interface
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
National Semiconductor ...
LMH4345 NSC-LMH4345 Datasheet
166Kb / 6P
   3 Gbps, HD, SD, DVB-ASI SDI Dual Serializer / Deserializer (SER/DES) with Loopthrough and LVDS Interface
LMH0341 NSC-LMH0341_09 Datasheet
578Kb / 28P
   3 Gbps, HD, SD, DVB-ASI SDI Deserializer with Loopthrough and LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com