Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS9076 Datasheet(PDF) 7 Page - Gennum Corporation

No. de pieza GS9076
Descripción Electrónicos  HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9076 Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS9076 Datasheet HTML 3Page - Gennum Corporation GS9076 Datasheet HTML 4Page - Gennum Corporation GS9076 Datasheet HTML 5Page - Gennum Corporation GS9076 Datasheet HTML 6Page - Gennum Corporation GS9076 Datasheet HTML 7Page - Gennum Corporation GS9076 Datasheet HTML 8Page - Gennum Corporation GS9076 Datasheet HTML 9Page - Gennum Corporation GS9076 Datasheet HTML 10Page - Gennum Corporation GS9076 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
GS9076 Data Sheet
44617 - 1
January 2008
7 of 25
42
VEE_RCO
Power
Most negative power supply connection for theRCO/DDO1 and RCO/DDO1
output driver.
Connect to GND.
43
GND_DRV
Passive
Recommended connect to GND.
44, 46
DDO0, DDO0
Output
Differential Serial Digital Outputs.
47
VCC_DDO
Power
Most positive power supply connection for the DDO0/DDO0 output driver.
Connect to 3.3V.
48
VEE_DDO
Power
Most negative power supply connection for the DDO0/DDO0 output driver.
Connect to GND.
50, 51
XTAL_OUT+,
XTAL_OUT-
Output
Differential outputs of the reference oscillator used for monitoring or test
purposes.
52, 53
XTAL+, XTAL-
Input
Reference crystal input. Connect to the GO1535 as shown in the Typical
Application Circuit on page 21.
54 - 59
NC
No Connect
Not connected internally.
60
VEE_CP
Power
Most negative power supply connection for the internal charge pump.
Connect to GND.
61
VCC_CP
Power
Most positive power supply connection for the internal charge pump.
Connect to 3.3V.
62, 63
LF+, LF-
Passive
Loop filter capacitor connection. Connect as shown in the Typical Application
Circuit on page 21.
64
NC
No Connect
Not connected internally. Recommended connect to GND.
Center Pad
Ground pad on bottom of package.
Solder to main ground plane following recommendations under Recommended
PCB Footprint on page 23
Table 1-1: Pin Descriptions (Continued)
Pin Number
Name
Type
Description


Número de pieza similar - GS9076

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
GS9076 SEMTECH-GS9076 Datasheet
464Kb / 25P
   SD-SDI Automatic Reclocker
More results

Descripción similar - GS9076

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0346 TI1-LMH0346 Datasheet
883Kb / 23P
[Old version datasheet]   HD/SD SDI Reclocker with Dual Differential Outputs
LMH0046MH TI-LMH0046MH Datasheet
2Mb / 20P
[Old version datasheet]   LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
logo
Gennum Corporation
GS2975A GENNUM-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker with Dual Differential Outputs
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0346 NSC-LMH0346_09 Datasheet
374Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0346 TI1-LMH0346_14 Datasheet
882Kb / 24P
[Old version datasheet]   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
National Semiconductor ...
LMH0346_0808 NSC-LMH0346_0808 Datasheet
337Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0026 NSC-LMH0026 Datasheet
313Kb / 12P
   SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0026 TI1-LMH0026 Datasheet
239Kb / 15P
[Old version datasheet]   SD SDI Reclocker with Dual Differential Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com