Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GY4102A Datasheet(PDF) 2 Page - Gennum Corporation

No. de pieza GY4102A
Descripción Electrónicos  Fast Toggling Video Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GY4102A Datasheet(HTML) 2 Page - Gennum Corporation

  GY4102A Datasheet HTML 1Page - Gennum Corporation GY4102A Datasheet HTML 2Page - Gennum Corporation GY4102A Datasheet HTML 3Page - Gennum Corporation GY4102A Datasheet HTML 4Page - Gennum Corporation GY4102A Datasheet HTML 5Page - Gennum Corporation GY4102A Datasheet HTML 6Page - Gennum Corporation GY4102A Datasheet HTML 7Page - Gennum Corporation GY4102A Datasheet HTML 8Page - Gennum Corporation GY4102A Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
GY4102A Fast Toggling Video Switch
Data Sheet
13408 - 4
November 2009
2 of 11
Proprietary & Confidential
Revision History
Contents
Features.................................................................................................................................................................1
Applications.........................................................................................................................................................1
Description...........................................................................................................................................................1
Revision History .................................................................................................................................................2
1. Pin Connections .............................................................................................................................................3
1.1 Pin Connections ................................................................................................................................3
1.2 Truth Table ..........................................................................................................................................3
2. Electrical Characteristics ............................................................................................................................4
2.1 Absolute Maximum Ratings ..........................................................................................................4
2.2 Electrical Characteristics ...............................................................................................................4
2.3 Switching Characteristics ..............................................................................................................6
3. Typical Performance Curves .....................................................................................................................7
4. Test Circuits .....................................................................................................................................................9
5. Ordering Information................................................................................................................................ 11
Version
Date
Changes and/or Modifications
4
November 2009
Updated to latest Gennum template and changed from
document number 52021 to 13408.
3
July 2004
Added lead-free and green information.
2
Revisions made.
1
February 1991
New document.


Número de pieza similar - GY4102A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GY4102A GENNUM-GY4102A Datasheet
117Kb / 5P
   Fast Toggling Video Switch
GY4102ACDA GENNUM-GY4102ACDA Datasheet
117Kb / 5P
   Fast Toggling Video Switch
GY4102ACKA GENNUM-GY4102ACKA Datasheet
117Kb / 5P
   Fast Toggling Video Switch
More results

Descripción similar - GY4102A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GY4102A GENNUM-GY4102A Datasheet
117Kb / 5P
   Fast Toggling Video Switch
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
STMicroelectronics
TEA2014A STMICROELECTRONICS-TEA2014A Datasheet
41Kb / 4P
   VIDEO SWITCH
May 1996
TEA2114 STMICROELECTRONICS-TEA2114 Datasheet
27Kb / 4P
   VIDEO SWITCH
September 1998
TEA2124 STMICROELECTRONICS-TEA2124 Datasheet
54Kb / 4P
   VIDEO SWITCH
September 1998
logo
Analog Devices
ADV7184 AD-ADV7184 Datasheet
934Kb / 108P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. 0
ADV7188BSTZ AD-ADV7188BSTZ Datasheet
3Mb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. A
ADV7188 AD-ADV7188 Datasheet
955Kb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. 0
ADV7184 AD-ADV7184_15 Datasheet
3Mb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
Rev. A
ADV7188 AD-ADV7188_15 Datasheet
3Mb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com