Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CBC012-D5C-WP Datasheet(PDF) 5 Page - Cymbet Corporation

No. de pieza CBC012-D5C-WP
Descripción Electrónicos  Rechargeable Solid State Energy Storage: 12uAh, 3.8V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYMBET [Cymbet Corporation]
Página de inicio  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC012-D5C-WP Datasheet(HTML) 5 Page - Cymbet Corporation

  CBC012-D5C-WP Datasheet HTML 1Page - Cymbet Corporation CBC012-D5C-WP Datasheet HTML 2Page - Cymbet Corporation CBC012-D5C-WP Datasheet HTML 3Page - Cymbet Corporation CBC012-D5C-WP Datasheet HTML 4Page - Cymbet Corporation CBC012-D5C-WP Datasheet HTML 5Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EnerChip™ CBC012 Solid State Energy Storage
©2009-2010Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-02 Rev A
Page 5 of 5
Cymbet, the Cymbet Logo and EnerChip are trademarks of Cymbet Corporation. All Rights Reserved
Disclaimer of Warranties; As Is
The information provided in this data sheet is provided “As Is” and Cymbet Corporation disclaims all representations or warranties of any
kind, express or implied, relating to this data sheet and the Cymbet EnerChip product described herein, including without limitation, the
implied warranties of merchantability, fitness for a particular purpose, non-infringement, title, or any warranties arising out of course of
dealing, course of performance, or usage of trade. Cymbet EnerChip products are not approved for use in life critical applications. Users
shall confirm suitability of the Cymbet EnerChip product in any products or applications in which the Cymbet EnerChip product is adopted
for use and are solely responsible for all legal, regulatory, and safety-related requirements concerning their products and applications and
any use of the Cymbet EnerChip product described herein in any such product or applications.
EnerChip Part Number
Description
Notes
CBC012-D5C
12µAh EnerChip in 6-pin M8 DFN, tube
Package for new designs
CBC012-D5C-TR
12µAh EnerChip in 6-pin M8 DFN, Tape/Reel
Package for new designs
CBC012-D5C-WP
12µAh EnerChip in 6-pin M8 DFN, Waffle Pack
Package for new designs
CBC012-BDC-WP
12µAh EnerChip Bare Die, Waffle Pack
Contact Cymbet
CBC012-BUC-WP
12µAh EnerChip Bumped Bare Die, Waffle Pack
Contact Cymbet
Ordering Information


Número de pieza similar - CBC012-D5C-WP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cymbet Corporation
CBC012-D5C-WP CYMBET-CBC012-D5C-WP Datasheet
679Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
More results

Descripción similar - CBC012-D5C-WP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cymbet Corporation
DS-72-02 CYMBET-DS-72-02 Datasheet
679Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
CBC050 CYMBET-CBC050 Datasheet
1,001Kb / 4P
   Rechargeable Solid State Energy Storage: 50uAh, 3.8V
DS-72-01 CYMBET-DS-72-01 Datasheet
985Kb / 4P
   Rechargeable Solid State Energy Storage: 50關Ah, 3.8V
CBC005 CYMBET-CBC005 Datasheet
369Kb / 3P
   Rechargeable Energy Storage Device: 5Ah, 3.8V
DS-72-41 CYMBET-DS-72-41 Datasheet
1Mb / 13P
   Rechargeable Solid State Bare Die Batteries
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
   Storage Energy Systems
logo
Vishay Siliconix
196-HVC VISHAY-196-HVC Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196HVC VISHAY-196HVC Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196HVCENYCAP VISHAY-196HVCENYCAP Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
logo
Rhombus Industries Inc.
L-14400 RHOMBUS-IND-L-14400 Datasheet
43Kb / 1P
   DC Energy Storage Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com