Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS1100-25 Datasheet(PDF) 8 Page - Touchstone Semiconductor Inc

No. de pieza TS1100-25
Descripción Electrónicos  A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOUCHSTONE [Touchstone Semiconductor Inc]
Página de inicio  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1100-25 Datasheet(HTML) 8 Page - Touchstone Semiconductor Inc

Back Button TS1100-25 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1100-25 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1100-25 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1100-25 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1100-25 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1100-25 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1100-25 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1100-25 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1100-25 Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TS1100
Page 8
TS1100DS r1p0
RTFDS
or
S
LOA
x RSENSE
RGA N
Since the FET’s drain terminal is connected to R
OUT,
the output voltage of the TS1100 at the OUT
terminal is, therefore;
VOUT
LOA x RSENSE x
ROUT
RGA N
The current-
sense amplifier’s gain accuracy is
therefore the ratio match of ROUT to RGAIN. For each
of the four gain options available, Table 1 lists the
values for ROUT and RGAIN. The TS1100’s output
stage is protected against input overdrive by use of
an output current-limiting circuit of 3mA (typical) and
a 7V internal clamp protection circuit.
Table 1: Internal Gain Setting Resistors (Typical
Values)
GAIN (V/V)
RGAIN (Ω)
ROUT (Ω)
Part Number
25
400
10k
TS1100-25
50
200
10k
TS1100-50
100
100
10k
TS1100-100
200
100
20k
TS1100-200
To
achieve
its
very-low
input
offset
voltage
performance over temperature, VSENSE voltage,
and power supply voltage, the design of the
TS1100’s
amplifier
is
chopper-stabilized,
a
commonly-used technique to reduce significantly the
input offset voltage of amplifiers. This method,
however,
does
employ
the
use
of
sampling
techniques and therefore residue of the TS1100’s
10kHz internal clock is contained in the
TS1100’s
output voltage spectrum.
APPLICATIONS INFORMATION
Choosing the Sense Resistor
Selecting the optimal value for the external RSENSE
is based on the following criteria and for each
commentary follows:
1) RSENSE Voltage Loss
2) VOUT Swing vs. Applied Input Voltage at VRS+
and Desired VSENSE
3) Total ILOAD Accuracy
4) Circuit Efficiency and Power Dissipation
5) RSENSE Kelvin Connections
6) Sense Resistor Composition
1) RSENSE Voltage Loss
For lowest IR voltage loss in RSENSE, the smallest
usable value for RSENSE should be selected.
2) VOUT Swing vs. Applied Input Voltage at VRS+
and Desired VSENSE
As there is no separate power supply pin for the
TS1100, the circuit draws its power from the applied
voltage
at
both
its
RS+
and
RS-
terminals.
Therefore, the signal voltage at the OUT terminal is
bounded by the minimum supply voltage applied to
the TS1100.
Therefore,
VOUT(max) = VRS+(min) - VSENSE(max) – VOH(max)
and
RSENSE
VOUT max
GA N
LOA
max
where the full-scale VSENSE should be less than
VOUT(MAX)/GA N at the application’s minimum RS+
terminal voltage. For best performance with a 3.6V
power supply, RSENSE should be chosen to
generate a VSENSE of: a) 120mV (for the 25V/V GAIN
option), b) 60mV (for the 50V/V GAIN option), c)
30mV (for the 100V/V GAIN option), or d) 15mV (for
the 200V/V GAIN option) at the full-scale ILOAD(MAX)
current in each application. For the case where the
minimum power supply voltage is higher than 3.6V,
each of the four full-scale VSENSEs above can be
increased.
3) Total ILOAD Accuracy
In
the
TS1100
’s
linear
region
where
VOUT < VOUT(MAX), there are two specifications related
to the circuit’s accuracy: a) the TS1100’s input offset
voltage (VOS = 100μV, max) and b) its gain error
(GE(max) = 0.5%).


Número de pieza similar - TS1100-25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
TS1100-25-EG6 SILABS-TS1100-25-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1100-25-EG6T SILABS-TS1100-25-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1100-25EG5 SILABS-TS1100-25EG5 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Descripción similar - TS1100-25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS1101 TOUCHSTONE-TS1101 Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Touchstone Semiconducto...
TS1102 TOUCHSTONE-TS1102 Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com