Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM22LD16 Datasheet(PDF) 1 Page - Ramtron International Corporation

No. de pieza FM22LD16
Descripción Electrónicos  4Mbit F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMTRON [Ramtron International Corporation]
Página de inicio  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM22LD16 Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM22LD16_09 Datasheet HTML 1Page - Ramtron International Corporation FM22LD16_09 Datasheet HTML 2Page - Ramtron International Corporation FM22LD16_09 Datasheet HTML 3Page - Ramtron International Corporation FM22LD16_09 Datasheet HTML 4Page - Ramtron International Corporation FM22LD16_09 Datasheet HTML 5Page - Ramtron International Corporation FM22LD16_09 Datasheet HTML 6Page - Ramtron International Corporation FM22LD16_09 Datasheet HTML 7Page - Ramtron International Corporation FM22LD16_09 Datasheet HTML 8Page - Ramtron International Corporation FM22LD16_09 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Pre-Production
This is a product in the pre-production phase of development. Device
Ramtron International Corporation
characterization is complete and Ramtron does not expect to change the
1850 Ramtron Drive, Colorado Springs, CO 80921
specifications. Ramtron will issue a Product Change Notice if any
(800) 545-FRAM, (719) 481-7000
specification changes are made.
http://www.ramtron.com
Rev. 2.0
Dec. 2009
Page 1 of 14
FM22LD16
4Mbit F-RAM Memory
Features
4Mbit Ferroelectric Nonvolatile RAM
Organized as 256Kx16
Configurable as 512Kx8 Using /UB, /LB
10
14 Read/Write Cycles
NoDelay™ Writes
Page Mode Operation to 40MHz
Advanced High-Reliability Ferroelectric Process
SRAM Compatible
JEDEC 256Kx16 SRAM Pinout
55 ns Access Time, 110 ns Cycle Time
Advanced Features
Software Programmable Block Write Protect
Superior to Battery-backed SRAM Modules
No Battery Concerns
Monolithic Reliability
True Surface Mount Solution, No Rework Steps
Superior for Moisture, Shock, and Vibration
Low Power Operation
2.7V – 3.6V Power Supply
Low Standby Current (90µA typ.)
Low Active Current (8 mA typ.)
Industry Standard Configuration
Industrial Temperature -40
° C to +85° C
48-ball “Green”/RoHS FBGA package
Pin compatible with FM21LD16 (2Mb) and
FM23MLD16 (8Mb)
Description
The FM22LD16 is a 256Kx16 nonvolatile memory
that reads and writes like a standard SRAM. A
ferroelectric random access memory or F-RAM is
nonvolatile, which means that data is retained after
power is removed. It provides data retention for over
10 years while eliminating the reliability concerns,
functional
disadvantages,
and
system
design
complexities of battery-backed SRAM (BBSRAM).
Fast write timing and high write endurance make the
F-RAM superior to other types of memory.
In-system operation of the FM22LD16 is very similar
to other RAM devices and can be used as a drop-in
replacement for standard SRAM. Read and write
cycles may be triggered by /CE or simply by
changing the address. The F-RAM memory is
nonvolatile due to its unique ferroelectric memory
process. These features make the FM22LD16 ideal
for
nonvolatile
memory
applications
requiring
frequent or rapid writes in the form of an SRAM.
The FM22LD16 includes a low voltage monitor that
blocks access to the memory array when VDD drops
below VDD min. The memory is protected against an
inadvertent access and data corruption under this
condition.
The
device
also
features
software-
controlled write protection. The memory array is
divided into 8 uniform blocks, each of which can be
individually write protected.
The device is available in a 48-ball FBGA package.
Device specifications are guaranteed over industrial
temperature range –40°C to +85°C.
Pin Configuration
/LB
/OE
A0
A1
A2
NC
DQ8
/UB
A3
A4
/CE
DQ0
DQ9
DQ10
A5
A6
DQ1
DQ2
VSS
DQ11
A17
A7
DQ3
VDD
VDD
DQ12
NC
A16
DQ4
VSS
DQ14
DQ13
A14
A15
DQ5
DQ6
DQ15
NC
A12
A13
/WE
DQ7
NC
A8
A9
A10
A11
NC
12
3
4
5
6
A
B
C
D
E
F
G
H
Top View (Ball Down)
Ordering Information
FM22LD16-55-BG
55 ns access, 48-ball
“Green”/RoHS FBGA
FM22LD16-55-BGTR
55 ns access, 48-ball
“Green”/RoHS FBGA,
Tape & Reel


Número de pieza similar - FM22LD16_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM22LD16-55-BG RAMTRON-FM22LD16-55-BG Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16-55-BG CYPRESS-FM22LD16-55-BG Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
FM22LD16-55-BG CYPRESS-FM22LD16-55-BG Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
FM22LD16-55-BGTR CYPRESS-FM22LD16-55-BGTR Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
FM22LD16-55-BGTR CYPRESS-FM22LD16-55-BGTR Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
More results

Descripción similar - FM22LD16_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
FM22L16 CYPRESS-FM22L16 Datasheet
403Kb / 14P
   4Mbit Asynchronous F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
FM22L16 RAMTRON-FM22L16 Datasheet
189Kb / 15P
   4Mbit FRAM Memory
logo
Sharp Corporation
LHF04C10 SHARP-LHF04C10 Datasheet
3Mb / 48P
   4Mbit Flash Memory
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com