Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FM25640B-G Datasheet(PDF) 2 Page - Ramtron International Corporation |
|
FM25640B-G Datasheet(HTML) 2 Page - Ramtron International Corporation |
2 / 13 page FM25640B - 64Kb 5V SPI F-RAM Rev. 1.2 Mar. 2011 2 of 13 Instruction Decode Clock Generator Control Logic Write Protect Instruction Register Address Register Counter 1,024 x 64 FRAM Array 13 Data I/O Register 8 Nonvolatile Status Register 3 WP CS HOLD SCK SO Figure 1. Block Diagram Pin Description Pin Name I/O Pin Description /CS Input Chip Select: Enables and disables the device. When /CS is high, the output pin SO is hi- Z, all other inputs are ignored, and the device remains in a low-power standby mode. When /CS is low, the part will respond to the SCK signal. A falling edge on /CS must occur for every op-code. SCK Input Serial Clock: All I/O activity is synchronized to the serial clock. Inputs are latched on the rising edge and outputs occur on the falling edge. The device is static so the clock frequency may be any value between 0 and 20 MHz and may be interrupted at any time. /HOLD Input Hold: The /HOLD signal is used when the host CPU must interrupt a memory operation for another task. Asserting the /HOLD signal low pauses the current operation. The device ignores SCK and /CS. All transitions on /HOLD must occur while SCK is low. /WP Input Write Protect: This pin prevents write operations to the status register. This is critical since other write protection features are controlled through the status register. A complete explanation of write protection is provided below. *Note that the function of /WP is different from the FM25040 where it prevents all writes to the part. SI Input Serial Input: SI is the data input pin. It is sampled on the rising edge of SCK and is ignored otherwise. It should always be driven to a valid logic level to meet IDD specifications. * SI may be connected to SO for a single pin data interface. SO Output Serial Output: SO is the data output pin. It is driven during read cycles and remains hi-Z at all other times including when HOLD\ is low. Data transitions are driven on the falling edge of the serial clock. * SO can be connected to SI for a single pin data interface since the part communicates in half-duplex. VDD Supply Supply Voltage: 5V VSS Supply Ground |
Número de pieza similar - FM25640B-G |
|
Descripción similar - FM25640B-G |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |