Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM31256 Datasheet(PDF) 10 Page - Ramtron International Corporation

No. de pieza FM31256
Descripción Electrónicos  Integrated Processor Companion with Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMTRON [Ramtron International Corporation]
Página de inicio  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM31256 Datasheet(HTML) 10 Page - Ramtron International Corporation

Back Button FM31256_11 Datasheet HTML 6Page - Ramtron International Corporation FM31256_11 Datasheet HTML 7Page - Ramtron International Corporation FM31256_11 Datasheet HTML 8Page - Ramtron International Corporation FM31256_11 Datasheet HTML 9Page - Ramtron International Corporation FM31256_11 Datasheet HTML 10Page - Ramtron International Corporation FM31256_11 Datasheet HTML 11Page - Ramtron International Corporation FM31256_11 Datasheet HTML 12Page - Ramtron International Corporation FM31256_11 Datasheet HTML 13Page - Ramtron International Corporation FM31256_11 Datasheet HTML 14Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
FM3104/16/64/256
Rev. 2.1
Sept. 2011
Page 10 of 26
Calibration Adjustments
Positive Calibration for slow clocks: Calibration will achieve
 2.17 PPM after calibration
Measured Frequency Range
Error Range (PPM)
Min
Max
Min
Max
Program Calibration Register to:
0
512.0000
511.9989
0
2.17
000000
1
511.9989
511.9967
2.18
6.51
100001
2
511.9967
511.9944
6.52
10.85
100010
3
511.9944
511.9922
10.86
15.19
100011
4
511.9922
511.9900
15.20
19.53
100100
5
511.9900
511.9878
19.54
23.87
100101
6
511.9878
511.9856
23.88
28.21
100110
7
511.9856
511.9833
28.22
32.55
100111
8
511.9833
511.9811
32.56
36.89
101000
9
511.9811
511.9789
36.90
41.23
101001
10
511.9789
511.9767
41.24
45.57
101010
11
511.9767
511.9744
45.58
49.91
101011
12
511.9744
511.9722
49.92
54.25
101100
13
511.9722
511.9700
54.26
58.59
101101
14
511.9700
511.9678
58.60
62.93
101110
15
511.9678
511.9656
62.94
67.27
101111
16
511.9656
511.9633
67.28
71.61
110000
17
511.9633
511.9611
71.62
75.95
110001
18
511.9611
511.9589
75.96
80.29
110010
19
511.9589
511.9567
80.30
84.63
110011
20
511.9567
511.9544
84.64
88.97
110100
21
511.9544
511.9522
88.98
93.31
110101
22
511.9522
511.9500
93.32
97.65
110110
23
511.9500
511.9478
97.66
101.99
110111
24
511.9478
511.9456
102.00
106.33
111000
25
511.9456
511.9433
106.34
110.67
111001
26
511.9433
511.9411
110.68
115.01
111010
27
511.9411
511.9389
115.02
119.35
111011
28
511.9389
511.9367
119.36
123.69
111100
29
511.9367
511.9344
123.70
128.03
111101
30
511.9344
511.9322
128.04
132.37
111110
31
511.9322
511.9300
132.38
136.71
111111
Negative Calibration for fast clocks: Calibration will achieve
 2.17 PPM after calibration
Measured Frequency Range
Error Range (PPM)
Min
Max
Min
Max
Program Calibration Register to:
0
512.0000
512.0011
0
2.17
000000
1
512.0011
512.0033
2.18
6.51
000001
2
512.0033
512.0056
6.52
10.85
000010
3
512.0056
512.0078
10.86
15.19
000011
4
512.0078
512.0100
15.20
19.53
000100
5
512.0100
512.0122
19.54
23.87
000101
6
512.0122
512.0144
23.88
28.21
000110
7
512.0144
512.0167
28.22
32.55
000111
8
512.0167
512.0189
32.56
36.89
001000
9
512.0189
512.0211
36.90
41.23
001001
10
512.0211
512.0233
41.24
45.57
001010
11
512.0233
512.0256
45.58
49.91
001011
12
512.0256
512.0278
49.92
54.25
001100
13
512.0278
512.0300
54.26
58.59
001101
14
512.0300
512.0322
58.60
62.93
001110
15
512.0322
512.0344
62.94
67.27
001111
16
512.0344
512.0367
67.28
71.61
010000
17
512.0367
512.0389
71.62
75.95
010001
18
512.0389
512.0411
75.96
80.29
010010
19
512.0411
512.0433
80.30
84.63
010011
20
512.0433
512.0456
84.64
88.97
010100
21
512.0456
512.0478
88.98
93.31
010101
22
512.0478
512.0500
93.32
97.65
010110
23
512.0500
512.0522
97.66
101.99
010111
24
512.0522
512.0544
102.00
106.33
011000
25
512.0544
512.0567
106.34
110.67
011001
26
512.0567
512.0589
110.68
115.01
011010
27
512.0589
512.0611
115.02
119.35
011011
28
512.0611
512.0633
119.36
123.69
011100
29
512.0633
512.0656
123.70
128.03
011101
30
512.0656
512.0678
128.04
132.37
011110
31
512.0678
512.0700
132.38
136.71
011111


Número de pieza similar - FM31256_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM31256-G RAMTRON-FM31256-G Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
logo
List of Unclassifed Man...
FM31256-S ETC1-FM31256-S Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
More results

Descripción similar - FM31256_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Ramtron International C...
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com