Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1768 Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza 2SA1768
Descripción Electrónicos  High-Voltage Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1768 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SA1768 Datasheet HTML 1Page - Sanyo Semicon Device 2SA1768 Datasheet HTML 2Page - Sanyo Semicon Device 2SA1768 Datasheet HTML 3Page - Sanyo Semicon Device 2SA1768 Datasheet HTML 4Page - Sanyo Semicon Device 2SA1768 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
90503TN (KT)/83098HA (KT)/5110MO, TS No.3582-1/5
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
PNP/NPN Epitaxial Planar Silicon Transistors
High-Voltage Switching Applications
Ordering number:ENN3582
2SA1768/2SC4612
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
( ) : 2SA1768
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C
Package Dimensions
unit:mm
2064A
[2SA1768/2SC4612]
Applicaitons
· Color TV sound output, converter, inverter.
Features
· Adoption of MBIT process.
· High breakdown voltage, large current capacity.
· Fast switching speed.
1 : Emitter
2 : Collector
3 : Base
SANYO : NMP
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
8
1
)
(V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
6
1
)
(V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
6
)
(V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
7
.
0
)
(A
m
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
5
.
1
)
(A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
1W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
˚C
˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
2
1
)
(
=
E 0
=1
.
0
–A
μ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
)
(
=
C 0
=1
.
0
–A
μ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F 1V E
C
I
,
V
5
)
(
=
C
A
m
0
0
1
)
(
=*
0
0
1*
0
0
4
h E
F 2V E
C
I
,
V
5
)
(
=
C
A
m
0
1
)
(
=0
9
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
0
1
)
(
=
C
A
m
0
5
=0
2
1z
H
M
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
OC b
o
V B
C
z
H
M
1
=
f
,
V
0
1
)
(
=8
)
1
1
(F
p
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
t
a
s
(
E
C
IC
I
,
A
m
0
5
2
=
B
A
m
5
2
)
(
=
)
2
.
0
()
5
.
0
(V
2
1
.
04
.
0V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
e
s
a
BV
)
t
a
s
(
E
B
IC
I
,
A
m
0
5
2
=
B
A
m
5
2
)
(
=5
8
.
0
)
(2
.
1
)
(V
6.9
0.6
0.5
0.9
2.5
1.45
1.0
0.45
2.54
2.54
123
Continued on next page.


Número de pieza similar - 2SA1768

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
logo
ON Semiconductor
2SA1768 ONSEMI-2SA1768 Datasheet
583Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
August, 2013
2SA1768S-AN ONSEMI-2SA1768S-AN Datasheet
583Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
August, 2013
2SA1768T-AN ONSEMI-2SA1768T-AN Datasheet
583Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
August, 2013
More results

Descripción similar - 2SA1768

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5548 TOSHIBA-2SC5548_05 Datasheet
202Kb / 5P
   High Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
2SC4450 SANYO-2SC4450 Datasheet
80Kb / 3P
   High-Voltage Switching Applications
2SC4451 SANYO-2SC4451 Datasheet
83Kb / 3P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com