Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L79M00T Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza L79M00T
Descripción Electrónicos  ?? to ??2V 0.5A 3-Pin Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

L79M00T Datasheet(HTML) 3 Page - Sanyo Semicon Device

  L79M00T_09 Datasheet HTML 1Page - Sanyo Semicon Device L79M00T_09 Datasheet HTML 2Page - Sanyo Semicon Device L79M00T_09 Datasheet HTML 3Page - Sanyo Semicon Device L79M00T_09 Datasheet HTML 4Page - Sanyo Semicon Device L79M00T_09 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
L79M00T Series
No.2605–3/5
Operating Characteristics at Ta = 25˚C, VIN=–14V, IOUT=350mA, CIN=2μF, COUT=1μF
[L79M08T]
Recommended Operating Conditions at Ta = 25˚C
f=120Hz, –21.5V
≤VIN≤–11.5V, Tj=25°C,
IOUT=100mA
Tj=25
°C, –25V≤VIN≤–10.5V
Tj=25
°C, 5mA≤IOUT≤500mA
Tj=25
°C
Tj=25
°C
Tj=25
°C, VIN=–30V
Tj=25
°C, IOUT=350mA
Tj=25
°C, –21V≤VIN≤–11V
Tj=25
°C, 5mA≤IOUT≤350mA
f=120Hz, –21.5V
≤VIN≤–11.5V, Tj=25°C,
IOUT=300mA
Operating Characteristics at Ta = 25˚C, VIN=–16V, IOUT=350mA, CIN=2μF, COUT=1μF
[L79M09T]
Recommended Operating Conditions at Ta = 25˚C
f=120Hz, –22.5V
≤VIN≤–12.5V, Tj=25°C,
IOUT=100mA
Tj=25
°C, –25V≤VIN≤–11.5V
Tj=25
°C, 5mA≤IOUT≤500mA
Tj=25
°C
Tj=25
°C
Tj=25
°C, VIN=–30V
Tj=25
°C, IOUT=350mA
Tj=25
°C, –20V≤VIN≤–12V
Tj=25
°C, 5mA≤IOUT≤350mA
f=120Hz,–22.5V
≤VIN≤–12.5V, Tj=25°C,
IOUT=300mA
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
t
u
p
n
IV N
I
1
1
o
t
3
2
–V
t
n
e
r
r
u
C
t
u
p
t
u
OI
T
U
O
0
0
5
o
t
5A
m
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
t
u
p
n
IV N
I
2
1
o
t
5
2
–V
t
n
e
r
r
u
C
t
u
p
t
u
OI
T
U
O
0
0
5
o
t
5A
m
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
t
u
p
t
u
OV
T
U
O
4
.
9
–0
.
9
–6
.
8
–V
n
o
i
t
a
l
u
g
e
R
e
n
i
L
ΔV
E
N
I
L
o
0
.
80
8V
m
0
.
40
5V
m
n
o
i
t
a
l
u
g
e
R
d
a
o
L
ΔV
D
A
O
L
o
2
10
0
2V
m
7V
m
e
g
a
t
l
o
V
t
u
p
t
u
OV
T
U
O
V
5
2
≤V N
I ≤
A
m
5
,
V
5
.
1
1
≤I
T
U
O
A
m
0
5
35
.
9
–5
.
8
–V
n
o
i
t
a
p
i
s
s
i
D
t
n
e
r
r
u
CI C
C
0
.
15
.
2A
m
)
e
n
i
L
(
n
o
i
t
a
i
r
a
V
n
o
i
t
a
p
i
s
s
i
D
t
n
e
r
r
u
C
ΔI
E
N
I
L
C
C
V
5
2
≤V N
I ≤
V
5
.
1
1
–0
.
1A
m
)
d
a
o
L
(
n
o
i
t
a
i
r
a
V
n
o
i
t
a
p
i
s
s
i
D
t
n
e
r
r
u
C
ΔI
D
A
O
L
C
C
A
m
5
≤I
T
U
O
A
m
0
5
34
.
0A
m
e
g
a
t
l
o
V
e
s
i
o
N
t
u
p
t
u
OV O
N
z
H
0
1
≤f≤
z
H
k
0
0
15
2
2V
μ
n
o
i
t
c
e
j
e
R
e
l
p
p
i
Rj
e
r
R
0
5B
d
0
53
6B
d
p
o
r
D
e
g
a
t
l
o
V
t
u
p
t
u
O
-
t
u
p
n
I
m
u
m
i
n
i
MV
P
O
R
D
1
.
1V
t
n
e
r
r
u
C
t
r
o
h
SI S
O
0
3
1A
m
t
n
e
r
r
u
C
t
u
p
t
u
O
k
a
e
PI P
O
0
0
8A
m
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
t
u
p
t
u
OV
T
U
O
3
.
8
–0
.
8
–7
.
7
–V
n
o
i
t
a
l
u
g
e
R
e
n
i
L
ΔV
E
N
I
L
o
0
.
80
8V
m
0
.
40
5V
m
n
o
i
t
a
l
u
g
e
R
d
a
o
L
ΔV
D
A
O
L
o
1
10
6
1V
m
6V
m
e
g
a
t
l
o
V
t
u
p
t
u
OV
T
U
O
V
5
2
≤V N
I ≤
A
m
5
,
V
5
.
0
1
≤I
T
U
O
A
m
0
5
34
.
8
–6
.
7
–V
n
o
i
t
a
p
i
s
s
i
D
t
n
e
r
r
u
CI C
C
0
.
15
.
2A
m
)
e
n
i
L
(
n
o
i
t
a
i
r
a
V
n
o
i
t
a
p
i
s
s
i
D
t
n
e
r
r
u
C
ΔI
E
N
I
L
C
C
V
5
2
≤V N
I ≤
V
5
.
0
1
–0
.
1A
m
)
d
a
o
L
(
n
o
i
t
a
i
r
a
V
n
o
i
t
a
p
i
s
s
i
D
t
n
e
r
r
u
C
ΔI
D
A
O
L
C
C
A
m
5
≤I
T
U
O
A
m
0
5
34
.
0A
m
e
g
a
t
l
o
V
e
s
i
o
N
t
u
p
t
u
OV O
N
z
H
0
1
≤f≤
z
H
k
0
0
10
0
2V
μ
n
o
i
t
c
e
j
e
R
e
l
p
p
i
Rj
e
r
R
0
5B
d
0
54
6B
d
p
o
r
D
e
g
a
t
l
o
V
t
u
p
t
u
O
-
t
u
p
n
I
m
u
m
i
n
i
MV
P
O
R
D
1
.
1V
t
n
e
r
r
u
C
t
r
o
h
SI S
O
0
3
1A
m
t
n
e
r
r
u
C
t
u
p
t
u
O
k
a
e
PI P
O
0
0
8A
m


Número de pieza similar - L79M00T_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
L79M00T SANYO-L79M00T Datasheet
140Kb / 5P
   -5 to -12V 0.5A 3-Pin Voltage Regulators
More results

Descripción similar - L79M00T_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
L78M00T SANYO-L78M00T_10 Datasheet
58Kb / 8P
   5 to 24V 0.5A 3-Pin Voltage Regulators
L78M00T SANYO-L78M00T Datasheet
230Kb / 8P
   5 to 24V 0.5A 3-Pin Voltage Regulators
L79M00T SANYO-L79M00T Datasheet
140Kb / 5P
   -5 to -12V 0.5A 3-Pin Voltage Regulators
L78MR00 SANYO-L78MR00 Datasheet
295Kb / 10P
   5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function?
L78MR00 SANYO-L78MR00_10 Datasheet
304Kb / 10P
   5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function
logo
Toshiba Semiconductor
TA78M05S TOSHIBA-TA78M05S Datasheet
679Kb / 20P
   0.5A THREE TERMINAL POSITIVE VOLTAGE REGULATORS
TA78M05SB TOSHIBA-TA78M05SB Datasheet
631Kb / 19P
   0.5A THREE TERMINAL PLSITIVE VOLTAGE REGULATORS
TA78M05F TOSHIBA-TA78M05F Datasheet
669Kb / 20P
   0.5A THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Panasonic Semiconductor
AN78M00 PANASONIC-AN78M00 Datasheet
70Kb / 9P
   3-pin Positive Output Voltage Regulators 500mA Type
AN79M00 PANASONIC-AN79M00 Datasheet
70Kb / 9P
   3-pin Negative Output Voltage Regulators 500mA Type
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com