Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA1193M Datasheet(PDF) 6 Page - Sanyo Semicon Device

No. de pieza LA1193M
Descripción Electrónicos  High-Performance FM Front End
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1193M Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LA1193M Datasheet HTML 2Page - Sanyo Semicon Device LA1193M Datasheet HTML 3Page - Sanyo Semicon Device LA1193M Datasheet HTML 4Page - Sanyo Semicon Device LA1193M Datasheet HTML 5Page - Sanyo Semicon Device LA1193M Datasheet HTML 6Page - Sanyo Semicon Device LA1193M Datasheet HTML 7Page - Sanyo Semicon Device LA1193M Datasheet HTML 8Page - Sanyo Semicon Device LA1193M Datasheet HTML 9Page - Sanyo Semicon Device LA1193M Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LA1193M, 1193V
No.4715-6/22
Pin Functions
Pin No.
Function
Equivalent circuit
Note
1
OSC BUFF
2
3
4
5
OSC Tr. base
OSC GND
OSC Tr. emitter
OSC VCC
Colpitts oscillator
6
7
10
11
Mix input (1)
Mix input (2)
Mix out (1)
Mix out (2)
Mixer input usable sensitivity
15dB
µ
Mixer input I.M. QS
90.5dB
µ
(6.5dB higher than previous products)
Conversion gain
15dB
Input impedance
25
9
Antenna damping
drive output
IANTD = 10mA
12
IF GND
Continued on next page.


Número de pieza similar - LA1193M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M Datasheet
766Kb / 21P
   High-Performance FM Front End for Car Radios
More results

Descripción similar - LA1193M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA1193V SANYO-LA1193V Datasheet
643Kb / 22P
   High-Performance FM Front End
LA1193M SANYO-LA1193M Datasheet
766Kb / 21P
   High-Performance FM Front End for Car Radios
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
logo
Samsung semiconductor
S1A0497X01 SAMSUNG-S1A0497X01 Datasheet
174Kb / 10P
   FM FRONT END
logo
Unisonic Technologies
A6058 UTC-A6058 Datasheet
197Kb / 6P
   FM FRONT-END
A6058 UTC-A6058_16 Datasheet
168Kb / 6P
   FM FRONT-END
TA7358P UTC-TA7358P Datasheet
85Kb / 5P
   FM FRONT-END
logo
New Japan Radio
NJM2236 NJRC-NJM2236 Datasheet
248Kb / 7P
   FM FRONT-END
logo
Toshiba Semiconductor
TA8116F TOSHIBA-TA8116F Datasheet
298Kb / 4P
   FM FRONT END
logo
Samsung semiconductor
KA22497-D SAMSUNG-KA22497-D Datasheet
227Kb / 10P
   FM FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com