Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA1837 Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza LA1837
Descripción Electrónicos  For Home Stereo IC with Electronic Tuning Support Single-Chip IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1837 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA1837 Datasheet HTML 1Page - Sanyo Semicon Device LA1837 Datasheet HTML 2Page - Sanyo Semicon Device LA1837 Datasheet HTML 3Page - Sanyo Semicon Device LA1837 Datasheet HTML 4Page - Sanyo Semicon Device LA1837 Datasheet HTML 5Page - Sanyo Semicon Device LA1837 Datasheet HTML 6Page - Sanyo Semicon Device LA1837 Datasheet HTML 7Page - Sanyo Semicon Device LA1837 Datasheet HTML 8Page - Sanyo Semicon Device LA1837 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Ordering number : EN5688C
Monolithic Linear IC
For Home Stereo IC with Electronic Tuning Support
Single-Chip IC
LA1837
Overview
The LA1837 is a single-chip AM/FM IF and MPX IC that supports electronic tuning and was developed for use in home
stereo systems. It is optimal for use in automatic station selection systems that use the SD and IF counting techniques.
Features
• On-chip MPX VCO (no external components required).
• Adjacent channel interference rejection function (third and fifth order).
• Supports both the SD and the IF counting techniques.
• The AM and FM SD sensitivities can be set independently.
• The AM and FM output levels can be set independently.
• Improved AM practical sensitivity and high-input distortion characteristics.
Functions
• AM :
RF amplifier, mixer, oscillator, IF amplifier, detector AGC, oscillator buffer, S-meter, narrowband SD,
IF buffer
• FM-IF :
IF amplifier, quadrature detector, S-meter, Scurve detector, IF buffer output
• MPX :
PLL stereo decoder, stereo display, forced mono, VCO stop, post amplifier, audio muting, adjacent channel
interference rejection function
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
12
V
Allowable power dissipation
Pd max
Ta
≤ 70°C
550
mW
Operating temperature
Topr
-20 to +70
°C
Storage temperature
Tstg
-40 to +125
°C
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
70109 SY / 62409 MS PC/82097HA(OT) No.5688-1/9


Número de pieza similar - LA1837

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA1837 SANYO-LA1837 Datasheet
255Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1837M SANYO-LA1837M Datasheet
124Kb / 9P
   LA1837M
LA1837M SANYO-LA1837M Datasheet
686Kb / 9P
   Single-Chip AM/FM Tuner IC for Home Stereo Systems
logo
ON Semiconductor
LA1837M ONSEMI-LA1837M Datasheet
463Kb / 9P
   Single-Chip AM/FM Tuner IC
May, 2013
logo
Sanyo Semicon Device
LA1837M SANYO-LA1837M_06 Datasheet
686Kb / 9P
   Single-Chip AM/FM Tuner IC for Home Stereo Systems
More results

Descripción similar - LA1837

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA1837 SANYO-LA1837 Datasheet
255Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1838 SANYO-LA1838 Datasheet
110Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1835 SANYO-LA1835 Datasheet
338Kb / 14P
   Home Stereo Single-Chip Tuner IC with Electronic Tuning Support
LA1836 SANYO-LA1836 Datasheet
535Kb / 13P
   Single-Chip Home Stereo Electronic Tuning IC
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N Datasheet
190Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV_06 Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com