Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA1837M Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LA1837M
Descripción Electrónicos  Single-Chip AM/FM Tuner IC for Home Stereo Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1837M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA1837M Datasheet HTML 1Page - Sanyo Semicon Device LA1837M Datasheet HTML 2Page - Sanyo Semicon Device LA1837M Datasheet HTML 3Page - Sanyo Semicon Device LA1837M Datasheet HTML 4Page - Sanyo Semicon Device LA1837M Datasheet HTML 5Page - Sanyo Semicon Device LA1837M Datasheet HTML 6Page - Sanyo Semicon Device LA1837M Datasheet HTML 7Page - Sanyo Semicon Device LA1837M Datasheet HTML 8Page - Sanyo Semicon Device LA1837M Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LA1837M
No.8271-2/9
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
9
V
Operating supply voltage range
VCC op
7.0 to 11.0
V
Electrical Characteristics at Ta = 25
°C VCC = 9.0V, in the specified circuit.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
[FM Mono Characteristics] fc = 10.7MHz, fm = 1kHz, with the coil adjusted so that VAFC - VREG = 0V.
Current drain
ICCO-FM
No input
18
31
44
mA
Demodulator output
VOFM
100dBµ, 100% mod, pin 16 output
730
1100
1460
mVrms
Channel balance
C.B-mono
100dBµ, 100% mod, pin 16 output / pin 17 output
-1.5
0
+1.5
dB
THDFM1
100dBµ, 100% mod, pin 16 output
0.3
1.3
%
Total harmonic
distortion (mono)
THDFM2
100dBµ, 200% mod, pin 16 output
1.0
5.0
%
Signal-to-noise ratio
S/NFM
100dBµ, 100% mod, pin 16 output
72
80
dB
AM rejection ratio
AMR
100dBµ, AM 30% mod, pin 16 output
45
65
dB
Input limiting voltage
-3dBL.S
Referenced to 100dBµ, 100% mod, the input for output
is -3dB down.
26
32
38
dB
µ
LED on sensitivity
SDON-FM
51
60
69
dB
µ
LED on bandwidth
SDBW
100dBµ
85
120
170
kHz
IF counter buffer output
VIFBUFF-FM
100dBµ, pin 13 output
80
120
160
mVrms
VSM FM1
0dBµ, pin 11 output
0
0.1
0.5
V
S-meter output
VSM FM2
100dBµ, pin 11 output
3.6
4.3
5.0
V
Muting attenuation
Mute Alt
100dBµ, 100% mod, the pin 16 output
75
85
dB
[FM Stereo Characteristics] fc = 10.7MHz, 100dB
µ, fm = 1kHz, L+R = 90%, pilot = 10%
Separation: L
SepL
Lmod. pin 16 output / pin 17 output
30
45
dB
Separation: R
SepR
Rmod. pin 17 output / pin 16 output
30
45
dB
Stereo on level
STON
The pilot mod such that V7 < 0.7V
1.3
2.7
5.0
%
Stereo off level
STOFF
The pilot mod such that V7 > 4.5V
1.5
%
Total harmonic
distortion (main)
THD main
L+R mod. Pin 16 output
0.3
1.3
%
Brej-3rd
fs = 113kHz, Vs = 90%, Pilot = 10%
Pin 16 output, versus L-R mod. 1kHz demodulator output
40
dB
Adjacent channel
interference rejection
ratio
Brej-5th
fs = 189kHz, Vs = 90%, Pilot = 10%
Pin 16 output, versus L-R mod. 1kHz demodulator output
40
dB
[AM Characteristics]
Current drain
ICCO-AM
No input
15
25
35
mA
VOAM1
23dBµ, 30% mod, pin 16 output
100
180
360
mVrms
Output detector
VOAM2
80dBµ, 30% mod, pin 16 output
200
320
500
mVrms
S/N AM1
23dBµ, 30% mod, pin 16 output
18
22
dB
Signal-to-noise ratio
S/N AM 2
80dBµ, 30% mod, pin 16 output
49
55
dB
THD AM 1
80dBµ, 30% mod, pin 16 output
0.4
1.2
%
Total harmonic
distortion
THD AM 2
80dBµ, 80% mod, pin 16 output
1.0
4.0
%
LED-ON sensitivity
SDOn-AM
17
27
37
dB
µ
Oscillator buffer output
VOSC-AM
No input, pin 30 output
110
160
220
mVrms
IF counter buffer output
VIFBuff-AM
80dBµ, non-mod, pin 13 output
160
220
300
mVrms
ST IF output
VSTIF-AM
80dBµ, non-mod, pin 7 output
16
34
48
mVrms
S-meter output
VSM-AM
0dBµ, non-mod
0
0
0.2
V


Número de pieza similar - LA1837M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA1837M SANYO-LA1837M Datasheet
124Kb / 9P
   LA1837M
logo
ON Semiconductor
LA1837M ONSEMI-LA1837M Datasheet
463Kb / 9P
   Single-Chip AM/FM Tuner IC
May, 2013
More results

Descripción similar - LA1837M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LV23411V SANYO-LV23411V Datasheet
169Kb / 23P
   For Home Stereo Systems FM/AM Tuner IC
LA1883M SANYO-LA1883M Datasheet
168Kb / 8P
   Single-Chip FM/AM Tuner for Car Radio and Home Stereo Equipment?
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LA1833N SANYO-LA1833N Datasheet
101Kb / 10P
   System-on-Chip Tuner IC for Home Stereo Systems
logo
ON Semiconductor
LA1837M ONSEMI-LA1837M Datasheet
463Kb / 9P
   Single-Chip AM/FM Tuner IC
May, 2013
logo
Mitsumi Electronics, Co...
FAE381-A07 MITSUMI-FAE381-A07 Datasheet
106Kb / 2P
   Compact, AM/FM Electronic Tuner for Popular Class Home Stereo
logo
Sanyo Semicon Device
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
logo
Sony Corporation
ST-H300 SONY-ST-H300 Datasheet
10Mb / 12P
   FM stereo, FM/AM superheterodyne tuner
logo
Wuxi Youda electronics ...
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
   AM/FM 1 CHIP TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com