Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA1845NV Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza LA1845NV
Descripción Electrónicos  Single-Chip Home Stereo IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1845NV Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA1845NV Datasheet HTML 1Page - Sanyo Semicon Device LA1845NV Datasheet HTML 2Page - Sanyo Semicon Device LA1845NV Datasheet HTML 3Page - Sanyo Semicon Device LA1845NV Datasheet HTML 4Page - Sanyo Semicon Device LA1845NV Datasheet HTML 5Page - Sanyo Semicon Device LA1845NV Datasheet HTML 6Page - Sanyo Semicon Device LA1845NV Datasheet HTML 7Page - Sanyo Semicon Device LA1845NV Datasheet HTML 8Page - Sanyo Semicon Device LA1845NV Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LA1845NV
No.7931-3/10
Package Dimensions
unit : mm
3175B
Pin Description
Pin No.
Pin function
Pin voltage
Equivalent circuit
Notes
1
FM IF input
Vreg
Input impedance ri = 330Ω
2
AM mixer output
VCC
Connect the mixer coil between this pin and VCC
3
REG
2.1
Vreg = 2.1V
4
AM IF input
Vreg
Input impedance ri = 2kΩ
5
GND
0V
6
7
Tu-LED
ST-LED/AF-IF
output
VCC
Active low
Open collector
8
FM detector
VCC
The 600BEAS-10471 (Toko Mfg. Co., Ltd.) is
recommended for detector coil.
9
VCC
Continued on next page.
1
3
2
3
4
6
7


Número de pieza similar - LA1845NV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
More results

Descripción similar - LA1845NV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N Datasheet
190Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LA1836 SANYO-LA1836 Datasheet
535Kb / 13P
   Single-Chip Home Stereo Electronic Tuning IC
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
LA1837 SANYO-LA1837 Datasheet
255Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1838 SANYO-LA1838 Datasheet
110Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1837 SANYO-LA1837_09 Datasheet
216Kb / 9P
   For Home Stereo IC with Electronic Tuning Support Single-Chip IC
LA1837M SANYO-LA1837M_06 Datasheet
686Kb / 9P
   Single-Chip AM/FM Tuner IC for Home Stereo Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com