Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA4815M Datasheet(PDF) 11 Page - Sanyo Semicon Device

No. de pieza LA4815M
Descripción Electrónicos  Monaural Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4815M Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LA4815M Datasheet HTML 6Page - Sanyo Semicon Device LA4815M Datasheet HTML 7Page - Sanyo Semicon Device LA4815M Datasheet HTML 8Page - Sanyo Semicon Device LA4815M Datasheet HTML 9Page - Sanyo Semicon Device LA4815M Datasheet HTML 10Page - Sanyo Semicon Device LA4815M Datasheet HTML 11Page - Sanyo Semicon Device LA4815M Datasheet HTML 12Page - Sanyo Semicon Device LA4815M Datasheet HTML 13Page - Sanyo Semicon Device LA4815M Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LA4815M
General characteristics (2)
0
5
10
15
20
25
30
35
40
45
35
40
45
50
55
60
65
70
10
100
23
5 7
23
5 7
23
5 7
23
5 7
1k
10k
100
2 3
57
2 3
57
2 3
57
2 3
57
1k
10k
100k
– 130
– 125
– 120
– 115
– 110
– 110
46
8
10
12
14
16
10
100
2 3
57
2 3
57
2 3
57
2 3
57
1k
10k
100k
Frequency, f – Hz
20
25
30
35
40
45
50
55
60
25
30
35
40
45
50
55
0.1
2
3
57
2
3
57
1
10
23
5 7
100
23
5 7
1k
23
5 7
23
5 7
10
Capacitance, Cin –
μF
VOUT – VIN
– 30
– 25
– 20
– 15
– 10
– 5
0
5
10
15
– 130
– 125
– 120
– 115
20
– 50
– 40
– 20
– 30
– 10
– 20
– 25
– 15
– 5
– 10
0
Input level, VIN – dBV
Vmute – VIN
Vmute – fin
– 140
– 120
– 100
– 80
– 60
– 40
– 20
0
– 30
0
Input level, VIN – dBV
Input frequency, fin – Hz
1
10k
Impeadance, Rg –
Ω
10
100k
Frequency, f – Hz
VG – f
Supply voltage, VCC –V
Vmute – VCC
SVRR – f
SVRR – Cin
SVRR – Rg
VCC = 6V
RL = 8Ω
Vg = 26dB
RL = 8Ω
fin = 1kHz
VCC = 6V
RL = 8Ω
VCC = 6V
RL = 8Ω
Rg = 620
Ω
Vr = -20dBV
Cin = 1
μF
VCC = 6V
RL = 8Ω
Vr = -20dBV
fr = 100Hz
Cin = 1
μF
VCC = 6V
RL = 8Ω
Vr = -20dBV
fr = 100Hz
Rg = 620
Ω
RL = 8Ω
Vg = 26dB
VIN = -10dBV
fin = 1kHz
VCC = 6V
RL = 8Ω
Vg = 26dB
VIN = -10dBV
VCC = 6V
VCC = 12V
VG = 26dB
VG = 40dB
VG = 26dB
VG = 40dB
VG = 40dB
VG
=
26dB
No.A1373-11/14


Número de pieza similar - LA4815M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M Datasheet
153Kb / 14P
   Monaural Power Amplifier
More results

Descripción similar - LA4815M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M Datasheet
153Kb / 14P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH_12 Datasheet
249Kb / 15P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH Datasheet
159Kb / 15P
   Monaural Power Amplifier
logo
ON Semiconductor
LA4815VH ONSEMI-LA4815VH Datasheet
264Kb / 15P
   Monaural Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LV4991M SANYO-LV4991M Datasheet
173Kb / 11P
   Monaural BTL Power Amplifier
LA42031-E SANYO-LA42031-E Datasheet
89Kb / 7P
   5W Monaural Power Amplifier
logo
Sony Corporation
CXA1622M SONY-CXA1622M Datasheet
215Kb / 13P
   Stereo Power Amplifier/Monaural BTL Power Amplifier
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
   MONAURAL AUDIO POWER AMPLIFIER IC
logo
Sanyo Semicon Device
LA4267 SANYO-LA4267 Datasheet
70Kb / 6P
   5 W Monaural Power Amplifier
LA4268 SANYO-LA4268 Datasheet
69Kb / 6P
   10 W Monaural Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com