Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA5160AM Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza LA5160AM
Descripción Electrónicos  5V/0.1A Constant-voltage Power Supply IC with Output ON/OFF Feature
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5160AM Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA5160AM Datasheet HTML 1Page - Sanyo Semicon Device LA5160AM Datasheet HTML 2Page - Sanyo Semicon Device LA5160AM Datasheet HTML 3Page - Sanyo Semicon Device LA5160AM Datasheet HTML 4Page - Sanyo Semicon Device LA5160AM Datasheet HTML 5Page - Sanyo Semicon Device LA5160AM Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LA5160AM
No.8319-3/6
Package Dimensions
unit : mm
3032D
Equivalent Circuit Block Diagram
VIN
2
7
4
5
VOUT
STB
GND
Error
amplifier
ON/OFF
control
Thermal protection
ASO protection


Número de pieza similar - LA5160AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LA5112N ETC-LA5112N Datasheet
69Kb / 2P
   LA5112N
logo
Sanyo Semicon Device
LA5112N SANYO-LA5112N Datasheet
39Kb / 1P
   COMPACT DC MOTOR SPEED CONTROLLER
More results

Descripción similar - LA5160AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
M5296FP MITSUBISHI-M5296FP Datasheet
367Kb / 9P
   5V CONSTANT-VOLTAGE POWER SUPPLY INCORPORATED WATCHDOG TINER IC
logo
Renesas Technology Corp
M5296FP RENESAS-M5296FP Datasheet
4Mb / 10P
   5V CONSTANT-VOLTAGE POWER SUPPLY INCORPORATED WATCHDOG TIMER IC
logo
Sanyo Semicon Device
L78MS05J SANYO-L78MS05J_06 Datasheet
347Kb / 7P
   5V Constant-Voltage Power Supply with Strobe Line
LV59025M_1009 SANYO-LV59025M_1009 Datasheet
341Kb / 7P
   2.5V Constant-Voltage Power Supply IC
LV59012M SANYO-LV59012M_10 Datasheet
325Kb / 7P
   1.2V Constant-Voltage Power Supply IC
LV59033M SANYO-LV59033M_10 Datasheet
302Kb / 7P
   3.3V Constant-Voltage Power Supply IC
LV59025M SANYO-LV59025M Datasheet
372Kb / 7P
   2.5V Constant-Voltage Power Supply IC
LV59018M SANYO-LV59018M Datasheet
783Kb / 7P
   1.8V Constant-Voltage Power Supply IC
LV59012M SANYO-LV59012M Datasheet
783Kb / 7P
   1.2V Constant-Voltage Power Supply IC
LV59033M SANYO-LV59033M Datasheet
783Kb / 7P
   3.3V Constant-Voltage Power Supply IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com