Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA6358AM Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza LA6358AM
Descripción Electrónicos  High-Performance Dual Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6358AM Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA6358AM Datasheet HTML 1Page - Sanyo Semicon Device LA6358AM Datasheet HTML 2Page - Sanyo Semicon Device LA6358AM Datasheet HTML 3Page - Sanyo Semicon Device LA6358AM Datasheet HTML 4Page - Sanyo Semicon Device LA6358AM Datasheet HTML 5Page - Sanyo Semicon Device LA6358AM Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LA6358AM
No.7558-5/6
11. Supply voltage rejection ratio SVR (
+)
SVR
VO
9.9k
Ω R2
100
100
VCC=15V, 5V
VEE=
5V, 15V
VCC
VEE
R1
12. Supply voltage rejection ratio SVR (
−)
VO
9.9k
Ω R2
100
100
VCC
VEE
R1
VO
100
CC
V
20log
)
SVR(
×
=
+
VO
100
EE
V
20log
)
SVR(
×
=
--20
0
50
45
55
60
80
--10
Ambient temperature, Ta -- °C
IO source -- Ta
ILA01080
140
160
0
0
5
10
40
Supply voltage, VCC -- V
VG -- VCC
ILA01081
120
100
80
60
40
20
15
20
25
30
35
0
10
20
30
40
50
60
70
40
35
30
25
20
15
10
5
RL =20kΩ
2kΩ
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
10
20
30
40
50
60
70
80
90
100
Supply voltage, VCC -- V
ICC -- VCC
ILA01078
0
5
10
15
20
25
30
35
40
Supply voltage, VCC -- V
IB -- VCC
ILA01079
VCC
ICC
--
+
A
0
5
10
15
20
25
30
35
40
Ta =0 to +70 °C
--20 °C


Número de pieza similar - LA6358AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA6358 SANYO-LA6358 Datasheet
108Kb / 4P
   High-Performance Dual Operational Amplifiers
LA6358 SANYO-LA6358 Datasheet
105Kb / 4P
   High-Performance Dual Operational Amplifier
LA6358N SANYO-LA6358N Datasheet
108Kb / 4P
   High-Performance Dual Operational Amplifiers
LA6358N SANYO-LA6358N Datasheet
164Kb / 7P
   High-Performance Dual Operational Amplifiers
LA6358N SANYO-LA6358N Datasheet
92Kb / 7P
   High-Performance Dual Operational Amplifiers
More results

Descripción similar - LA6358AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA6358NJ SANYO-LA6358NJ Datasheet
283Kb / 6P
   High-Performance Dual Operational Amplifier
logo
Texas Instruments
RC4559 TI-RC4559 Datasheet
29Kb / 3P
[Old version datasheet]   DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4558 RENESAS-PC4558_15 Datasheet
316Kb / 13P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6358NM SANYO-LA6358NM Datasheet
105Kb / 4P
   High-Performance Dual Operational Amplifier
logo
STMicroelectronics
LS204 STMICROELECTRONICS-LS204_08 Datasheet
327Kb / 16P
   High performance dual operational amplifier
logo
Sanyo Semicon Device
LA6358NMM SANYO-LA6358NMM_08 Datasheet
281Kb / 6P
   High-Performance Dual Operational Amplifier
logo
Texas Instruments
RC4559 TI1-RC4559_15 Datasheet
365Kb / 10P
[Old version datasheet]   DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6358NJM SANYO-LA6358NJM Datasheet
324Kb / 6P
   High-Performance Dual Operational Amplifier
logo
Renesas Technology Corp
UPC4558MF-DAA RENESAS-UPC4558MF-DAA Datasheet
321Kb / 11P
   High Performance Dual Operational Amplifier
Jul 25, 2012
logo
NEC
UPC4558 NEC-UPC4558 Datasheet
309Kb / 10P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER???
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com