Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA6581T Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LA6581T
Descripción Electrónicos  Fan Motor Driver BTL Driver Single-Phase Full-Wave
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6581T Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA6581T Datasheet HTML 1Page - Sanyo Semicon Device LA6581T Datasheet HTML 2Page - Sanyo Semicon Device LA6581T Datasheet HTML 3Page - Sanyo Semicon Device LA6581T Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LA6581T
No.7192-2/4
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Allowable power dissipation
Pd max
400
mW
Operating temperature
Topr
-20 to +90
°C
Storage temperature
Tstg
-55 to +150
°C
* Specified board: 20.0mm
× 10.1mm × 0.8mm, Paper phenol, wiring density 20%.
Recommended Operating Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.5 to 16
V
Common-phase input voltage range
of Hall input
VICM
0.3 to VCC-1.5
V
Electrical Characteristics at Ta
= 25°C, VCC = 12.0V, unless especially specified.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Circuit current
ICC
IN- = 5.8V, IN+ = 6.0V, RL = ∞
14
19
mA
OUT output low voltage
VOL
IO = 100mA
0.1
0.2
V
OUT output high voltage
VOH
IO = 100mA
0.1
0.2
V
Hall bias voltage
VHB
RH = 360
Ω+91Ω
1.85
1.95
2.05
V
Hall amplifier gain
Vg
52
55
58
dB
Hall amplifier input current
VINR
-10
-2
10
µA
FG output low voltage
VFG
IFG = 3mA
0.2
0.3
V
FG output leakage current
IFGL
VFG = 7V
30
µA
Thermal protection circuit
Th
* Design guarantee
150
180
200
°C
* Design guarantee : Design target. Measurement with a single unit not made.
Package Dimensions
unit : mm (typ)
3245B
Truth Table
IN-
IN+
OUT1
OUT2
FG
Mode
H
L
H
L
L
L
H
L
H
off
During rotation
off
off
During overheat protection
SANYO : MSOP8(150mil)
3.0
12
8
0.25
0.65
(0.53)
0.125
0
Pd max - Ta
--20
500
400
200
300
100
20
040
60
80
100
192
Ambient temperature, Ta -
°C
Mounted on a board:
20
×10×0.8mm3, paper phenol
Specified board
90


Número de pieza similar - LA6581T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6581T ONSEMI-LA6581T Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
LA6581T ONSEMI-LA6581T Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
LA6581T-TE-L-E ONSEMI-LA6581T-TE-L-E Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
LA6581T-TE-L-H ONSEMI-LA6581T-TE-L-H Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
More results

Descripción similar - LA6581T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6581CL SANYO-LA6581CL_09 Datasheet
71Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6581M SANYO-LA6581M Datasheet
72Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6581U SANYO-LA6581U Datasheet
71Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6586T SANYO-LA6586T Datasheet
124Kb / 8P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
LA6583M SANYO-LA6583M Datasheet
96Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6587T SANYO-LA6587T_11 Datasheet
100Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6584 SANYO-LA6584 Datasheet
85Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6584M ONSEMI-LA6584M Datasheet
92Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
May, 2013
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com