Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MTB011 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

No. de pieza MTB011
Descripción Electrónicos  High Output Interface Driver ICs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Página de inicio  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MTB011 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  MTB011 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MTB011 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MTB011
High Output Interface Driver ICs
Equivalent Circuit
Pin Assignment
Package
SIP-16
●True Table
Vcc
VIN
VENA
Output Transistor
L
××
OFF
HL
L
OFF
HH
L
OFF
HL
H
OFF
HHH
ON
●Recommended Operating Conditions (Ta=25℃)
Item
Symbol
min.
typ.
max.
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Output Current
IC IF
3A
Output Voltage
VCE VR
70
V
Sensing Voltage
Vs
1.0
V
Junction Temperature
Tj
-25
120
Note) Please connect the terminal 4 and 14
to the GND.


Número de pieza similar - MTB011

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
MTB011N10RQ8 CYSTEKEC-MTB011N10RQ8 Datasheet
484Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB011N10RQ8-0-T3-G CYSTEKEC-MTB011N10RQ8-0-T3-G Datasheet
484Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Descripción similar - MTB011

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shindengen Electric Mfg...
MTA002 SHINDENGEN-MTA002 Datasheet
398Kb / 2P
   High Output Interface Driver ICs
MTA001M SHINDENGEN-MTA001M Datasheet
397Kb / 2P
   High Output Interface Driver ICs
MTA011 SHINDENGEN-MTA011 Datasheet
396Kb / 2P
   High Output Interface Driver ICs
MTB001 SHINDENGEN-MTB001 Datasheet
354Kb / 2P
   High Output Interface Driver ICs
logo
ON Semiconductor
NCN6001_0610 ONSEMI-NCN6001_0610 Datasheet
475Kb / 4P
   Smartcard Interface ICs
Rev.1, Oct-2006
logo
Sanken electric
SLA7020M SANKEN-SLA7020M Datasheet
99Kb / 10P
   Unipolar Driver ICs
SLA7070M SANKEN-SLA7070M Datasheet
2Mb / 36P
   Motor Driver ICs
logo
Epson Company
S2D13P04F00A EPSON-S2D13P04F00A Datasheet
677Kb / 2P
   Multi Camera Interface ICs
logo
Sanken electric
SI-7300A SANKEN-SI-7300A Datasheet
67Kb / 5P
   Unipolar Driver ICs
logo
Epson Company
S2D13P04 EPSON-S2D13P04 Datasheet
677Kb / 2P
   Multi Camera Interface ICs
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com