Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC3710 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

No. de pieza 2SC3710
Descripción Electrónicos  Silicon NPN Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3710 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC3710 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3710 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3710 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC3710 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC3710
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=50mA ;IB=0
80
V
VCEsat
Collector-emitter saturation voltage
IC=6A;IB=0.3A
0.2
0.4
V
VBEsat
Base-emitter saturation voltage
IC=6A;IB=0.3A
0.9
1.2
V
ICBO
Collector cut-off current
VCB=80V; IE=0
10
μA
IEBO
Emitter cut-off current
VEB=6V; IC=0
10
μA
hFE-1
DC current gain
IC=1A ; VCE=1V
70
240
hFE-2
DC current gain
IC=6A ; VCE=1V
40
COB
Output capacitance
IE=0 ; VCB=10V, f=1MHz
220
pF
fT
Transition frequency
IC=1A ; VCE=5V
80
MHz
Switching times
ton
Turn-on time
0.2
μs
ts
Storage time
1.0
μs
tf
Fall time
IB1=-IB2=0.3A
VCC≈30V ,RL=5Ω
0.2
μs
hFE-1 Classifications
O
Y
70-140
120-240


Número de pieza similar - 2SC3710

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SC3710 TOSHIBA-2SC3710 Datasheet
213Kb / 4P
   NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING APPLICATIONS)
logo
Savantic, Inc.
2SC3710 SAVANTIC-2SC3710 Datasheet
164Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3710 JMNIC-2SC3710 Datasheet
35Kb / 1P
   Silicon NPN Transistors
logo
Savantic, Inc.
2SC3710 SAVANTIC-2SC3710 Datasheet
165Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3710 JMNIC-2SC3710 Datasheet
35Kb / 1P
   2SC3710_15
More results

Descripción similar - 2SC3710

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com