Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB1847 Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza LB1847
Descripción Electrónicos  PWM Current Control Type Stepping Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1847 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB1847_09 Datasheet HTML 1Page - Sanyo Semicon Device LB1847_09 Datasheet HTML 2Page - Sanyo Semicon Device LB1847_09 Datasheet HTML 3Page - Sanyo Semicon Device LB1847_09 Datasheet HTML 4Page - Sanyo Semicon Device LB1847_09 Datasheet HTML 5Page - Sanyo Semicon Device LB1847_09 Datasheet HTML 6Page - Sanyo Semicon Device LB1847_09 Datasheet HTML 7Page - Sanyo Semicon Device LB1847_09 Datasheet HTML 8Page - Sanyo Semicon Device LB1847_09 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LB1847
No.5982-5/15
Pin Function
Pin No.
Pin name
Function
1
MD
Sets the OFF time for FAST mode and SLOW mode in MIX DECAY.
Setting input range: 4V to 1.5V.
2
13
VREF1
VREF2
Output set current reference supply pin.
Setting voltage range: 0V to 3V.
3
12
CR1
CR2
Output OFF time setting pin for switching operation.
4
11
E1
E2
Pin for controlling the set current with sensing resistor RE.
5
10
DECAY1
DECAY2
SLOW mode/FAST mode selector pin.
DECAY2 SLOW DECAY: H
FAST DECAY: L
6
7
8
9
OUTA
OUTA
OUTB
OUTB
Output pin.
14
VBB
Output stage supply voltage pin.
15
GND
Ground pin.
27
16
PHASE1
PHASE2
Output phase selector input pin
26
17
ENABLE1
ENABLE2
Output ON/OFF setting input pin.
22,23
24,25
21,20
19,18
IA4,IA3
IA2,IA1
IB4,IB3
IB2,IB1
Output set current digital input pin.
15-stage voltage setting.
28
VCC
Logic block supply voltage pin
Truth Table
PHASE
ENABLE
OUTA
OUTA
H
L
H
L
L
L
L
H
H
OFF
OFF
Set Current Truth Table
IA4
IA3
IA2
IA1
Set current Iout
Current ratio
1
1
1
1
11.5/11.5
× VREF/3.04RE = Iout
100
1
1
1
0
11.0/11.5
× VREF/3.04RE = Iout
95.65
1
1
0
1
10.5/11.5
× VREF/3.04RE = Iout
91.30
1
1
0
0
10.0/11.5
× VREF/3.04RE = Iout
86.95
1
0
1
1
9.5/11.5
× VREF/3.04RE = Iout
82.61
1
0
1
0
9.0/11.5
× VREF/3.04RE = Iout
78.26
1
0
0
1
8.5/11.5
× VREF/3.04RE = Iout
73.91
1
0
0
0
8.0/11.5
× VREF/3.04RE = Iout
69.56
0
1
1
1
7.0/11.5
× VREF/3.04RE = Iout
60.87
0
1
1
0
6.0/11.5
× VREF/3.04RE = Iout
52.17
0
1
0
1
5.0/11.5
× VREF/3.04RE = Iout
43.48
0
1
0
0
4.0/11.5
× VREF/3.04RE = Iout
34.78
0
0
1
1
3.0/11.5
× VREF/3.04RE = Iout
26.08
0
0
1
0
2.0/11.5
× VREF/3.04RE = Iout
17.39
* Current ratio (%) is the calculated set current value.
Current Decay Switching Truth Table
Current decay mode
DECAY pin
MD pin
Output chopping
SLOW DECAY
H
L
Upper-side chopping
FAST DECAY
L
L
Dual-side chopping
MIX DECAY
L
4V to 1.5V input
voltage setting
CR voltage > MD: dual-side chopping
CR voltage < MD: upper-side chopping


Número de pieza similar - LB1847_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1847 SANYO-LB1847_12 Datasheet
144Kb / 15P
   Monolithic Digital IC PWM Current Control Type Stepping Motor Driver
More results

Descripción similar - LB1847_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1847 SANYO-LB1847 Datasheet
128Kb / 16P
   PWM Current Control Type Stepping Motor Driver
LB1945H SANYO-LB1945H_09 Datasheet
119Kb / 7P
   PWM Current Control Type Stepping Motor Driver
logo
ON Semiconductor
LB1847 ONSEMI-LB1847 Datasheet
137Kb / 15P
   PWM Current Control Type Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11847 SANYO-LB11847_08 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
LB11847 SANYO-LB11847 Datasheet
112Kb / 16P
   PWM Current Control Type Stepping Motor Driver
LB1945H SANYO-LB1945H Datasheet
48Kb / 7P
   PWM Current Control Type Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com