Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB8649FN Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza LB8649FN
Descripción Electrónicos  Motor Driver for DSCs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8649FN Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB8649FN_08 Datasheet HTML 1Page - Sanyo Semicon Device LB8649FN_08 Datasheet HTML 2Page - Sanyo Semicon Device LB8649FN_08 Datasheet HTML 3Page - Sanyo Semicon Device LB8649FN_08 Datasheet HTML 4Page - Sanyo Semicon Device LB8649FN_08 Datasheet HTML 5Page - Sanyo Semicon Device LB8649FN_08 Datasheet HTML 6Page - Sanyo Semicon Device LB8649FN_08 Datasheet HTML 7Page - Sanyo Semicon Device LB8649FN_08 Datasheet HTML 8Page - Sanyo Semicon Device LB8649FN_08 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LB8649FN
No.7893-5/9
3. VCM constant current control for SH/AE, or stepping motor drive.
Input
Output
IN9
IN10
IN11
IN12
INHD
OUT9
OUT10
OUT11
OUT12
Vref
ISH
Mode
L
L
L
L
-
-
-
-
-
-
Stand-by
H
L
*
*
H
L
L
H
*
*
L
H
*
*
H
L
H
L
*
*
L
H
L
L
H
1.0V
SH & AE
H
L
*
*
H
L
L
H
*
*
L
H
*
*
H
L
H
L
*
*
L
H
L
H
Setting
voltage
state
Hold
L
L
L
L
H
-
-
-
-
0.67V
Discharge
Stand-by
• ( - ) is output OFF, and ( * ) is “Don’t care”.
• OUT9 and OUT10 are used for the SH.
Quick charge and quick discharge circuitry allows the stabilization of start-up characteristic.
• OUT10 and OUT11 are used for the AF.
• At the time of stand-by, ISH pin voltage becomes discharge state by the internal transistor and it is set to 0V.
• In addition, when IN1 to 8 are input, ISH pin is in discharge state (for start-up correction).
• When INHD = “L”, Vref voltage is 1.0V. When INHD = “H”, Vref voltage is 0.67V.
Application Design Notes
1. Constant current setting (ISH, IAE, RFG1, 2, OUT9 to 12)
The constant current setting between pins OUT9 and OUT10 is determined from the ISH input voltage and the
connecting resistor of RFG1. As shown in the block diagram, it is controlled in such a way so that the voltage
generated at the resistor used for current detection connected between RFG1 and GND would be equal to the ISH
input voltage. The formula for calculating the output current is as given below.
(OUT9 to OUT10 Output Current) = (ISH Input Voltage)
÷ (RFG1 Resistor + 0.05Ω)
The 0.05
Ω here is for a common impedance of the output Tr emitter which drives constant current in the RFG pin
and the sensing wiring for the constant current control amplifier.
In the same way, the constant current setting between pins OUT11 and OUT12 is determined from the IAE input
voltage and the connecting resistor of RFG2.
Furthermore, as the constant current control block within the IC is connected to PGND, when supplying voltage to
the ISH pin or IAE pin which has been divided by resistors be sure to connect the ground side of these resistors to
PGND.
2. Quick charge/discharge circuitry (FC1, OUT9, OUT10)
Quick discharge circuitry has been built in to the shutter control block (OUT9 to OUT10) to support high-speed
shutter control, quick recharge, quick discharge and consecutive shots.
Quick recharge and quick discharge circuitry has not been built in to the AE control block (OUT11 to OUT12).
Therefore, make sure to use the block (OUT9 to OUT10) for the shutter drive.


Número de pieza similar - LB8649FN_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB8649FN SANYO-LB8649FN Datasheet
234Kb / 9P
   Monolithic Digital IC Motor Driver for DSCs
More results

Descripción similar - LB8649FN_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB8649FN SANYO-LB8649FN Datasheet
234Kb / 9P
   Monolithic Digital IC Motor Driver for DSCs
logo
Toshiba Semiconductor
TA8303F TOSHIBA-TA8303F Datasheet
134Kb / 4P
   MOTOR DRIVER FOR CAMERA
TA8312F TOSHIBA-TA8312F Datasheet
110Kb / 3P
   MOTOR DRIVER FOR CAMERA
TA8300F TOSHIBA-TA8300F Datasheet
128Kb / 4P
   MOTOR DRIVER FOR CAMERA
logo
Renesas Technology Corp
M61018GP RENESAS-M61018GP Datasheet
305Kb / 18P
   MOTOR DRIVER FOR CAMERA
logo
Mitsubishi Electric Sem...
M61018GP MITSUBISHI-M61018GP Datasheet
46Kb / 8P
   MOTOR DRIVER FOR CAMERA
logo
Toshiba Semiconductor
TA8302F TOSHIBA-TA8302F Datasheet
133Kb / 4P
   MOTOR DRIVER FOR CAMERA
logo
Daewoo Semiconductor
DBL2084N DAEWOO-DBL2084N Datasheet
189Kb / 5P
   MOTOR DRIVER FOR VTR
logo
Toshiba Semiconductor
TA8304F TOSHIBA-TA8304F Datasheet
133Kb / 4P
   MOTOR DRIVER FOR CAMERA
logo
Samsung semiconductor
KA8301 SAMSUNG-KA8301 Datasheet
206Kb / 7P
   MOTOR DRIVER FOR VTR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com