Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB11870 Datasheet(PDF) 8 Page - Sanyo Semicon Device

No. de pieza LB11870
Descripción Electrónicos  For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11870 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LB11870 Datasheet HTML 4Page - Sanyo Semicon Device LB11870 Datasheet HTML 5Page - Sanyo Semicon Device LB11870 Datasheet HTML 6Page - Sanyo Semicon Device LB11870 Datasheet HTML 7Page - Sanyo Semicon Device LB11870 Datasheet HTML 8Page - Sanyo Semicon Device LB11870 Datasheet HTML 9Page - Sanyo Semicon Device LB11870 Datasheet HTML 10Page - Sanyo Semicon Device LB11870 Datasheet HTML 11Page - Sanyo Semicon Device LB11870 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LB11870
No.7256-8/14
Continued from preceding page.
Pin No.
Symbol
Pin Description
Equivalent Circuit
19
FC
Frequency characteristics correction for the
current control circuit.
Insert a capacitor (about 0.01 to 0.1
μF)
between this pin and ground.
The output duty is determined by comparing
the voltage on this pin to the PWM oscillator
waveform.
21
PD
Phase comparator output.
The phase error is converted to a pulse duty
and output from this pin.
22
EI
Error amplifier input.
23
EO
Error amplifier output.
24
TOC
Torque command voltage input.
This pin is normally connected to the EO pin.
When the TOC voltage falls, the lower output
transistor on duty is increased.
Continued on next page.
VREG
300
Ω
19
21
VREG
300
Ω
VREG
300
Ω
22
VREG
300
Ω
24
VREG
23


Número de pieza similar - LB11870

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
logo
ON Semiconductor
LB11870 ONSEMI-LB11870 Datasheet
197Kb / 14P
   Three-Phase Brushless Motor Driver
May, 2013
More results

Descripción similar - LB11870

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
logo
Rohm
BD67929EFV ROHM-BD67929EFV Datasheet
280Kb / 15P
   Three-phase Brushless Motor Driver for Polygonal Mirrors
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com