Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB11923V Datasheet(PDF) 6 Page - Sanyo Semicon Device

No. de pieza LB11923V
Descripción Electrónicos  Three-Phase Brushless Motor Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11923V Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LB11923V Datasheet HTML 2Page - Sanyo Semicon Device LB11923V Datasheet HTML 3Page - Sanyo Semicon Device LB11923V Datasheet HTML 4Page - Sanyo Semicon Device LB11923V Datasheet HTML 5Page - Sanyo Semicon Device LB11923V Datasheet HTML 6Page - Sanyo Semicon Device LB11923V Datasheet HTML 7Page - Sanyo Semicon Device LB11923V Datasheet HTML 8Page - Sanyo Semicon Device LB11923V Datasheet HTML 9Page - Sanyo Semicon Device LB11923V Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
No. 7498-6/20
LB11923V
Speed Discriminator Count and VCO Divisor
N1
N2
Count
Divisor
High or open
High or open
1024
1024
High or open
Low
1024
512
Low
High or open
256
256
Low
Low
512
512
fFG = (divisor ÷ count) × fCLK
Three-Phase Logic Truth Table (A high (H) input is the state where IN+ > IN.)
Item
F / R = L
F / R = H
Output
IN1
IN2
IN3
IN1
IN2
IN3
PWM
1HLHLHL
VH
UL
2H
LLL
H
H
WH
UL
3H
HL
L
L
H
WH
VL
4
LHLHLH
UH
VL
5L
H
H
H
LL
UH
WL
6LL
H
H
H
L
VH
WL
S/S Pin
High or open
Stop
Low
Start
BR Pin
High or open
Brake
Low
Released


Número de pieza similar - LB11923V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V Datasheet
204Kb / 19P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
LB11923V ONSEMI-LB11923V Datasheet
292Kb / 23P
   Three-Phase Brushless Motor Driver
March, 2018 ??Rev. 1
LB11923V-A-TLM-E ONSEMI-LB11923V-A-TLM-E Datasheet
292Kb / 23P
   Three-Phase Brushless Motor Driver
March, 2018 ??Rev. 1
LB11923V-TLM-E ONSEMI-LB11923V-TLM-E Datasheet
292Kb / 23P
   Three-Phase Brushless Motor Driver
March, 2018 ??Rev. 1
More results

Descripción similar - LB11923V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com