Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC86F3G64A Datasheet(PDF) 11 Page - Sanyo Semicon Device

No. de pieza LC86F3G64A
Descripción Electrónicos  8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC86F3G64A Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC86F3G64A Datasheet HTML 7Page - Sanyo Semicon Device LC86F3G64A Datasheet HTML 8Page - Sanyo Semicon Device LC86F3G64A Datasheet HTML 9Page - Sanyo Semicon Device LC86F3G64A Datasheet HTML 10Page - Sanyo Semicon Device LC86F3G64A Datasheet HTML 11Page - Sanyo Semicon Device LC86F3G64A Datasheet HTML 12Page - Sanyo Semicon Device LC86F3G64A Datasheet HTML 13Page - Sanyo Semicon Device LC86F3G64A Datasheet HTML 14Page - Sanyo Semicon Device LC86F3G64A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LC86F3G64A
No.A0121-11/25
Notice for Use
• Input level of terminal RES at power on
Terminal RES must be held low for at least 200µs after the supply voltage exceeds the power supply lower limit.
• Difference between the Mask version and Flash version
1. The operation after release of reset: The mask version operates the program from the address 0 in the
program counter as soon as detecting the H level on the reset port.
The flash version operates the program from the address 0 in the program
counter after setting the option.
2. Current dissipation :
Please refer to the latest semiconductor news.
• Conditions during reset and after release of reset
Port options are set using Flash Memory data.
Port options are set internally within approximately 3ms after logic HIGH is applied to the RESET terminal. The
configuration of the port outputs change over the duration of this period. Then the Program Counter is set to 0 and
program execution begins.
During reset, and in the few hundred milliseconds after reset is released, the port options on certain of the ports will
not yet have been set. The conditions of the various ports during reset or on release of reset have been collected in
the following table. Please refer to it when analyzing circuits where these conditions apply.
Pins
Options
Condition during and on release of reset
Input: Without pull up MOS transistor
Output: N-channel open drain
Output -off
Input mode: High impedance
P0
Input: With pull up MOS transistor
Output: CMOS
Output-off
During reset and in the first few hundred µs after reset is released,
the pull-up MOS transistor is OFF. Thereafter, set to input mode with
pull-up MOS Tr. ON
Input: With programmable pull up MOS transistor
Output: N-channel open drain
P1
Input: With programmable pull up MOS transistor
Output: CMOS
Output-off
Input mode: High impedance
P6
No options
Output: N-channel open drain
Output -off
Input mode: High impedance
P7
No options
Input: With programmable pull up MOS transistor
Output: N-channel open drain (P70)
CMOS (P71 - P73)
Output-off
Input mode: Pull up MOS transistor off
P8
No options
Input: With programmable pull up MOS
Transistor (P83: without it)
Output: CMOS (P83: input only)
Output-off
Input mode: Pull up MOS transistor off
Power supply
RES
200
µs or more
VDD limit
0V


Número de pieza similar - LC86F3G64A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC86F3248A SANYO-LC86F3248A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC86F3264A SANYO-LC86F3264A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC86F3448B SANYO-LC86F3448B Datasheet
234Kb / 21P
   8-bit 1-chip Microcontroller
LC86F3548A SANYO-LC86F3548A Datasheet
612Kb / 22P
   LC86F3548A
More results

Descripción similar - LC86F3G64A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com