Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC87F7DC8A Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza LC87F7DC8A
Descripción Electrónicos  FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F7DC8A Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC87F7DC8A_10 Datasheet HTML 1Page - Sanyo Semicon Device LC87F7DC8A_10 Datasheet HTML 2Page - Sanyo Semicon Device LC87F7DC8A_10 Datasheet HTML 3Page - Sanyo Semicon Device LC87F7DC8A_10 Datasheet HTML 4Page - Sanyo Semicon Device LC87F7DC8A_10 Datasheet HTML 5Page - Sanyo Semicon Device LC87F7DC8A_10 Datasheet HTML 6Page - Sanyo Semicon Device LC87F7DC8A_10 Datasheet HTML 7Page - Sanyo Semicon Device LC87F7DC8A_10 Datasheet HTML 8Page - Sanyo Semicon Device LC87F7DC8A_10 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LC87F7DC8A
No.A1156-3/26
High-speed Clock Counter
1) Can count clocks with a maximum clock rate of 20MHz (at a main clock of 10MHz).
2) Can generate output real-time.
SIO
• SIO0: 8-bit synchronous serial interface
1) LSB first/MSB first mode selectable
2) Built-in 8-bit baudrate generator (maximum transfer clock cycle = 4/3 tCYC)
3) Automatic continuous data transmission (1 to 256 bits specifiable in 1-bit units, suspension and resumption of
data transmission possible in 1-byte units)
• SIO1: 8-bit asynchronous/synchronous serial interface
Mode 0: Synchronous 8-bit serial I/O (2- or 3-wire configuration, 2 to 512 tCYC transfer clocks)
Mode 1: Asynchronous serial I/O (half-duplex, 8-data bits, 1-stop bit, 8 to 2048 tCYC baudrates)
Mode 2: Bus mode 1 (start bit, 8-data bits, 2 to 512 tCYC transfer clocks)
Mode 3: Bus mode 2 (start detect, 8-data bits, stop detect)
UART1
• Full duplex
• 7/8/9 bit data bits selectable
• 1 stop bit (2-bit in continuous data transmission)
• Built-in baudrate generator
UART2
• Full duplex
• 7/8/9 bit data bits selectable
• 1 stop bit (2-bit in continuous data transmission)
• Built-in baudrate generator
AD Converter: 12 bits
× 15 channels
PWM: Multi frequency 12-bit PWM
× 2 channels
Remote Control Receiver Circuit1
1) Noise rejection function
(Units of noise rejection filter: about 120
μs, when selecting a 32.768kHz crystal oscillator as a clock.)
2) Supporting reception formats with a guide-pulse of half-clock/clock/none.
3) Determines a end of reception by detecting a no-signal periods (No carrier).
(Supports same reception format with a different bit length.)
4) X’tal HOLD mode release function
Remote Control Receiver Circuit2
1) Noise rejection function
(Units of noise rejection filter: about 120
μs, when selecting a 32.768kHz crystal oscillator as a clock.)
2) Supporting reception formats with a guide-pulse of half-clock/clock/none.
3) Determines a end of reception by detecting a no-signal periods (No carrier).
(Supports same reception format with a different bit length.)
4) X’tal HOLD mode release function
Watchdog Timer
• External RC watchdog timer
• Interrupt and reset signals selectable
Clock Output Function
1) Able to output selected oscillation clock 1/1, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64 as system clock.
2) Able to output oscillation clock of sub clock.


Número de pieza similar - LC87F7DC8A_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC87F7DC8A SANYO-LC87F7DC8A Datasheet
189Kb / 26P
   CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F7DC8A ONSEMI-LC87F7DC8A Datasheet
194Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.0.10
More results

Descripción similar - LC87F7DC8A_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A Datasheet
189Kb / 26P
   CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F83C8A SANYO-LC87F83C8A Datasheet
255Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com