Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC87F83C8A Datasheet(PDF) 11 Page - Sanyo Semicon Device

No. de pieza LC87F83C8A
Descripción Electrónicos  FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F83C8A Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC87F83C8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 9Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 10Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 11Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 12Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 13Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 14Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
LC87F83C8A/C8AU/96A/96AU/64A/64AU
No.A1780-11/31
2. SIO1 Serial I/O Characteristics (Note 4-2-1)
Specification
Parameter
Symbol
Pins/
Remarks
Conditions
VDD[V]
min
typ
max
unit
Frequency
tSCK(3)
2
Low level
pulse width
tSCKL(3)
1
High level
pulse width
tSCKH(3)
SCK1(P15)
• See Fig. 2.
3.0 to 5.5
1
Frequency
tSCK(4)
2
tCYC
Low level
pulse width
tSCKL(4)
1/2
High level
pulse width
tSCKH(4)
SCK1(P15)
• CMOS output selected.
• See Fig. 2.
3.0 to 5.5
1/2
tSCK
Data setup time
tsDI(2)
0.03
Data hold time
thDI(2)
SI1(P14),
SB1(P14)
• Must be specified with respect to
rising edge of SIOCLK
• See fig. 2.
3.0 to 5.5
0.03
Output
delay time
tdD0(4)
SO1(P13),
SB1(P14)
• Must be specified with respect to
falling edge of SIOCLK
• Must be specified as the time to
the beginning of output state
change in open drain output
mode.
• See Fig. 2.
3.0 to 5.5
(1/3)tCYC
+0.05
μs
Note 4-2-1: These specifications are theoretical values. Add margin depending on its use.


Número de pieza similar - LC87F83C8A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Descripción similar - LC87F83C8A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com