Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC875BP4A Datasheet(PDF) 6 Page - Sanyo Semicon Device

No. de pieza LC875BP4A
Descripción Electrónicos  ROM 256K/224K/192K/176K byte, RAM 4096K byte on-chip 8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC875BP4A Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC875BP4A Datasheet HTML 2Page - Sanyo Semicon Device LC875BP4A Datasheet HTML 3Page - Sanyo Semicon Device LC875BP4A Datasheet HTML 4Page - Sanyo Semicon Device LC875BP4A Datasheet HTML 5Page - Sanyo Semicon Device LC875BP4A Datasheet HTML 6Page - Sanyo Semicon Device LC875BP4A Datasheet HTML 7Page - Sanyo Semicon Device LC875BP4A Datasheet HTML 8Page - Sanyo Semicon Device LC875BP4A Datasheet HTML 9Page - Sanyo Semicon Device LC875BP4A Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LC875BP4A/875BM2A/875BJ0A/875BH4A
No.7972-6/25
Pin Assignment
LC875BP4A/
LC875BM2A/
LC875BJ0A/
LC875BH4A
QIP100E
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
1
2
3
4
5
6
7
8
9
PB6
PB5
PB4
PB3
PB2
PB1
PB0
VSS3
VDD3
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
PA0
PA1
PA2
SI2P1/SI2/SB2
SI2P0/SO2
PF7
PF6
PF5
PF4
PF3
PF2
PF1
PF0
VDD4
VSS4
PE7
PE6
PE5
PE4
PE3
PE2
PE1
PE0
10
11
12 13
14 15
16 17
18 19
20 21
22
23
24 25
26 27
28
29
30
Top view


Número de pieza similar - LC875BP4A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC875016A SANYO-LC875016A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875024A SANYO-LC875024A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875048B SANYO-LC875048B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC875056B SANYO-LC875056B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
More results

Descripción similar - LC875BP4A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC88F85D0A SANYO-LC88F85D0A Datasheet
264Kb / 31P
   FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC875J96B SANYO-LC875J96B Datasheet
148Kb / 23P
   ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com