Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC875CC8A Datasheet(PDF) 8 Page - Sanyo Semicon Device

No. de pieza LC875CC8A
Descripción Electrónicos  ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC875CC8A Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC875CC8A Datasheet HTML 4Page - Sanyo Semicon Device LC875CC8A Datasheet HTML 5Page - Sanyo Semicon Device LC875CC8A Datasheet HTML 6Page - Sanyo Semicon Device LC875CC8A Datasheet HTML 7Page - Sanyo Semicon Device LC875CC8A Datasheet HTML 8Page - Sanyo Semicon Device LC875CC8A Datasheet HTML 9Page - Sanyo Semicon Device LC875CC8A Datasheet HTML 10Page - Sanyo Semicon Device LC875CC8A Datasheet HTML 11Page - Sanyo Semicon Device LC875CC8A Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
LC875CC8A/B2A
No.A0744-8/29
QIP
NAME
TQFP
QIP
NAME
TQFP
1
PA3/AN12
98
51
SI2P2/SCK2
48
2
PA4/AN13
99
52
SI2P3/SCK20
49
3
PA5/AN14
100
53
PWM1
50
4
P70/INT0/T0LCP/AN8
1
54
PWM0
51
5
P71/INT1/T0HCP/AN9
2
55
VDD2
52
6
P72/INT2/T0IN/T0LCP
3
56
VSS2
53
7
P73/INT3/T0IN/T0HCP
4
57
P00
54
8
RES
5
58
P01
55
9
XT1/AN10
6
59
P02
56
10
XT2/AN11
7
60
P03
57
11
VSS1
8
61
P04
58
12
CF1
9
62
P05/CKO
59
13
CF2
10
63
P06/T6O
60
14
VDD1
11
64
P07/T7O
61
15
P80/AN0
12
65
P20/INT4/T1IN/T0LCP/T0HCP/
INT6/T0LCP1
62
16
P81/AN1
13
66
P21/INT4/T1IN/T0LCP/T0HCP
63
17
P82/AN2
14
67
P22/INT4/T1IN/T0LCP/T0HCP
64
18
P83/AN3
15
68
P23/INT4/T1IN/T0LCP/T0HCP
65
19
P84/AN4
16
69
P24/INT5/T1IN/T0LCP/T0HCP/
INT7/T0HCP1
66
20
P85/AN5
17
70
P25/INT5/T1IN/T0LCP/T0HCP
67
21
P86/AN6
18
71
P26/INT5/T1IN/T0LCP/T0HCP
68
22
P87/AN7
19
72
P27/INT5/T1IN/T0LCP/T0HCP
69
23
P10/SO0
20
73
P30/PWM4
70
24
P11/SI0/SB0
21
74
P31/PWM5
71
25
P12/SCK0
22
75
P32/UTX1
72
26
P13/SO1
23
76
P33/URX1
73
27
P14/SI1/SB1
24
77
P34/UTX2
74
28
P15/SCK1
25
78
P35/URX2
75
29
P16/T1PWML
26
79
P36
76
30
P17/T1PWMH/BUZ
27
80
PB7
77
31
PE0
28
81
PB6
78
32
PE1
29
82
PB5
79
33
PE2
30
83
PB4
80
34
PE3
31
84
PB3
81
35
PE4
32
85
PB2
82
36
PE5
33
86
PB1
83
37
PE6
34
87
PB0
84
38
PE7
35
88
VSS3
85
39
VSS4
36
89
VDD3
86
40
VDD4
37
90
PC7
87
41
PF0
38
91
PC6
88
42
PF1
39
92
PC5
89
43
PF2
40
93
PC4
90
44
PF3
41
94
PC3
91
45
PF4
42
95
PC2
92
46
PF5
43
96
PC1
93
47
PF6
44
97
PC0
94
48
PF7
45
98
PA0
95
49
SI2P0/SO2
46
99
PA1
96
50
SI2P1/SI2/SB2
47
100
PA2
97


Número de pieza similar - LC875CC8A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC875016A SANYO-LC875016A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875024A SANYO-LC875024A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875048B SANYO-LC875048B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC875056B SANYO-LC875056B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
More results

Descripción similar - LC875CC8A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5NC8A SANYO-LC87F5NC8A Datasheet
178Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC875J96B SANYO-LC875J96B Datasheet
148Kb / 23P
   ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5R96B SANYO-LC87F5R96B Datasheet
163Kb / 22P
   CMOS ICFROM 98K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com