Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1436 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

No. de pieza 2SD1436
Descripción Electrónicos  isc Silicon NPN Darlington Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1436 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD1436 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1436 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
2SD1436
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 25mA, RBE= ∞
120
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 200mA ,IC= 0
7
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 5A, IB= 10mA
B
1.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 10A, IB= 0.1A
3.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 5A, IB= 10mA
B
2.0
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 10A, IB= 0.1A
3.5
V
ICBO
Collector Cutoff current
VCB= 120V, IE= 0
0.1
mA
ICEO
Collector Cutoff current
VCE= 100V, RBE= ∞
10
μA
hFE
DC Current Gain
IC= 5A; VCE= 3V
1000
20000
Switching Times
ton
Turn-On Time
0.8
μs
toff
Turn-Off Time
IC = 5A, IB1 = -IB2= 10mA
4.0
μs
isc Website:www.iscsemi.cn


Número de pieza similar - 2SD1436

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SD1436 HITACHI-2SD1436 Datasheet
34Kb / 6P
   Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SD1436 RENESAS-2SD1436 Datasheet
148Kb / 7P
   Silicon NPN Triple Diffused
logo
Hitachi Semiconductor
2SD1436K HITACHI-2SD1436K Datasheet
34Kb / 6P
   Silicon NPN Triple Diffused
More results

Descripción similar - 2SD1436

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
T2142 ISC-T2142 Datasheet
171Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2N6532 ISC-2N6532 Datasheet
150Kb / 2P
   isc Silicon NPN Darlington Power Transistor
TIP140T ISC-TIP140T Datasheet
149Kb / 2P
   isc Silicon NPN Darlington Power Transistor
KSD985 ISC-KSD985 Datasheet
141Kb / 2P
   isc Silicon NPN Darlington Power Transistor
KSD986 ISC-KSD986 Datasheet
141Kb / 2P
   isc Silicon NPN Darlington Power Transistor
BDX65B ISC-BDX65B Datasheet
189Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD2051 ISC-2SD2051 Datasheet
263Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD2091 ISC-2SD2091 Datasheet
259Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD1566 ISC-2SD1566 Datasheet
271Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD460 ISC-2SD460 Datasheet
249Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD605 ISC-2SD605 Datasheet
251Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com