Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC863428C Datasheet(PDF) 9 Page - Sanyo Semicon Device

No. de pieza LC863428C
Descripción Electrónicos  8-bit 1-chip Microcontroller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863428C Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC863428C Datasheet HTML 5Page - Sanyo Semicon Device LC863428C Datasheet HTML 6Page - Sanyo Semicon Device LC863428C Datasheet HTML 7Page - Sanyo Semicon Device LC863428C Datasheet HTML 8Page - Sanyo Semicon Device LC863428C Datasheet HTML 9Page - Sanyo Semicon Device LC863428C Datasheet HTML 10Page - Sanyo Semicon Device LC863428C Datasheet HTML 11Page - Sanyo Semicon Device LC863428C Datasheet HTML 12Page - Sanyo Semicon Device LC863428C Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LC863448C/40C/32C/28C/24C/20C/16C
No.A0117-9/18
• Output form and existence of pull-up resistor for all ports can be specified for each bit.
• Programmable pull-up resistor is always connected regardless of port option, CMOS or N-ch open drain output in
port 1.
• Port status in reset
Terminal
I/O
Pull-up resistor status at selecting CMOS output option
Port 0
I
Pull-up resistor OFF, ON after reset release
Port 1
I
Programmable pull-up resistor OFF
Absolute Maximum Ratings at Ta = 25
°C, VSS = 0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min
typ
max
unit
Maximum supply
voltage
VDD max
VDD
-0.3
+6.5
Input voltage
VI(1)
RES
, HS , VS , CVIN
-0.3
VDD+0.3
Output voltage
VO(1)
R, G, B, BL, FILT
-0.3
VDD+0.3
Input/output voltage
VIO
Ports 0, 1, 3, 7
-0.3
VDD+0.3
V
IOPH(1)
Ports 0, 1, 3, 7
•CMOS output
•For each pin.
-4
Peak
output
current
IOPH(2)
R, G, B, BL
•CMOS output
•For each pin.
-5
ΣIOAH(1)
Ports 0, 1
Total of all pins.
-20
ΣIOAH(2)
Ports 3, 7
Total of all pins.
-10
High
level
output
current
Total
output
current
ΣIOAH(3)
R, G, B, BL
Total of all pins.
-12
IOPL(1)
Ports 0, 1, 3
For each pin.
20
IOPL(2)
Port 7
For each pin.
15
Peak
output
current
IOPL(3)
R, G, B, BL
For each pin.
5
ΣIOAL(1)
Ports 0, 1
Total of all pins.
40
ΣIOAL(2)
Ports 3, 7
Total of all pins.
20
Low
level
output
current
Total
output
current
ΣIOAL(3)
R, G, B, BL
Total of all pins.
12
mA
MFP36SDJ(375mil)
360
Maximum power
dissipation
Pd max
DIP36S(400mil)
Ta=-10 to +70
°C
610
mW
Operating
temperature
range
Topr
-10
+70
Storage
temperature
range
Tstg
-55
+125
°C


Número de pieza similar - LC863428C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC863428 SANYO-LC863428 Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC863428A SANYO-LC863428A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC863428B SANYO-LC863428B Datasheet
528Kb / 17P
   8-bit 1-chip Microcontroller
More results

Descripción similar - LC863428C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com