Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC878496PB Datasheet(PDF) 7 Page - Sanyo Semicon Device

No. de pieza LC878496PB
Descripción Electrónicos  8-bit ETR Microcontroller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC878496PB Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC878496PB Datasheet HTML 3Page - Sanyo Semicon Device LC878496PB Datasheet HTML 4Page - Sanyo Semicon Device LC878496PB Datasheet HTML 5Page - Sanyo Semicon Device LC878496PB Datasheet HTML 6Page - Sanyo Semicon Device LC878496PB Datasheet HTML 7Page - Sanyo Semicon Device LC878496PB Datasheet HTML 8Page - Sanyo Semicon Device LC878496PB Datasheet HTML 9Page - Sanyo Semicon Device LC878496PB Datasheet HTML 10Page - Sanyo Semicon Device LC878496PB Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LC878496PB/C8PB/G0PB/G1PB/J2PB/J3PB/M4PB/P6PB/P7PB
No.A1795-7/29
Continued from preceding page.
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
IOPL(1)
Ports 0, 1, 2, 3, 8
Ports B, C, E, F
SI2P0 to SI2P3
XT2
Per 1 application pin.
10
Peak output
current
IOPL(2)
PWM0, PWM1
Per 1 application pin.
20
IOML(1)
Ports 0, 1, 2, 3, 7
Ports 8, B, C, E, F
SI2P0 to SI2P3
XT2
Per 1 application pin.
7.5
Average
output current
(Note 1-1)
IOML(2)
PWM0, PWM1
Per 1 application pin.
20
ΣIOAL(1)
Port 7, XT2
Total of all applicable pins
25
ΣIOAL(2)
Port 8
Total of all applicable pins
25
ΣIOAL(3)
Ports 7, 8, XT2
Total of all applicable pins
45
ΣIOAL(4)
PWM0, PWM1
SI2P0 to SI2P3
Total of all applicable pins
25
ΣIOAL(5)
Port 0
Total of all applicable pins
25
ΣIOAL(6)
Port 0
PWM0, PWM1
SI2P0 to SI2P3
Total of all applicable pins
45
ΣIOAL(7)
Ports 2, 3, B
Total of all applicable pins
25
ΣIOAL(8)
Ports C
Total of all applicable pins
25
ΣIOAL(9)
Ports 2, 3, B, C
Total of all applicable pins
45
ΣIOAL(10)
Port F
Total of all applicable pins
25
ΣIOAL(11)
Ports 1, E
Total of all applicable pins
25
Total output
current
ΣIOAL(12)
Ports 1, E, F
Total of all applicable pins
45
mA
Maximum power
consumption
Pd max
QIP100E
Ta = -40 to +85
°C
400
mW
Operating
temperature range
Topr
-40
+85
°C
Storage
temperature range
Tstg
-45
+125
°C
Note 1-1: Average output current is average of current in 100ms interval.


Número de pieza similar - LC878496PB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC871H92A SANYO-LC871H92A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871H96A SANYO-LC871H96A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871HC4A SANYO-LC871HC4A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871HC8A SANYO-LC871HC8A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC872G04A SANYO-LC872G04A Datasheet
174Kb / 27P
   8-bit 1-chip Microcontroller
More results

Descripción similar - LC878496PB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC88F40H0PA SANYO-LC88F40H0PA Datasheet
249Kb / 32P
   For Car Audio Systems 16-bit ETR Microcontroller
LC87F83C8A SANYO-LC87F83C8A Datasheet
255Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com