Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST03D-170 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

No. de pieza ST03D-170
Descripción Electrónicos  Trankiller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Página de inicio  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

ST03D-170 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  ST03D-170 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd ST03D-170 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd ST03D-170 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd ST03D-170 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd ST03D-170 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd ST03D-170 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd ST03D-170 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd ST03D-170 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd ST03D-170 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
OUTLINE DIMENSIONS
(Unit : mm)
Case : AX10
Axial Package
Trankiller
ST03D-170
●Absolute Maximum Ratings (Tl=25℃)
Item
Symbol
Conditions
ZD
Di
Unit
Storage Temperature
Tstg
-40~150
-40~150
Junction Temperature
Tj
150
150
Peak Surge Reverse Power
PRSM
10/1000μs, Non-repetitive
300
-
W
Peak Surge Reverse Current
IRSM
10/1000μs, Non-repetitive
1.1
-A
Maximum Reverse Voltage
VRM
145
600
V
●Electrical Characteristics (Tl=25℃)
Item
Symbol
Conditions
ZD
Di
Unit
MIN 155
Movement Start Voltage
VBR
IR = 1mA
TYP 170
-
V
MAX 185
Restriction Voltage
VCL
IPP = 1.1A
MAX 280
-
V
Leak Current
IR
VR = VRM
MAX 5
MAX 5
μA
Reverse Recovery Time
trr
IF/IR=0.1A/0.3A
-
MAX 500
ns
Thermal Resistance
θjL
Junction to lead
MAX 13MAX 13
℃/W


Número de pieza similar - ST03D-170

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shindengen Electric Mfg...
ST03D-170 SHINDENGEN-ST03D-170_17 Datasheet
831Kb / 2P
   Axial Device Zener Diodes With Fast Recovery Diode
More results

Descripción similar - ST03D-170

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shindengen Electric Mfg...
ST03D-200 SHINDENGEN-ST03D-200 Datasheet
338Kb / 9P
   Trankiller
ST03D-82 SHINDENGEN-ST03D-82 Datasheet
330Kb / 9P
   Trankiller
ST04-27 SHINDENGEN-ST04-27 Datasheet
264Kb / 7P
   Trankiller
ST02D-170 SHINDENGEN-ST02D-170 Datasheet
328Kb / 9P
   Trankiller
ST03-58F1 SHINDENGEN-ST03-58F1 Datasheet
214Kb / 5P
   Trankiller
ST04-27F1 SHINDENGEN-ST04-27F1 Datasheet
269Kb / 7P
   Trankiller
ST02D-82 SHINDENGEN-ST02D-82 Datasheet
346Kb / 9P
   Trankiller
ST04-16 SHINDENGEN-ST04-16 Datasheet
263Kb / 7P
   Trankiller
ST04-16F1 SHINDENGEN-ST04-16F1 Datasheet
262Kb / 7P
   Trankiller
ST02D-200 SHINDENGEN-ST02D-200 Datasheet
326Kb / 9P
   Trankiller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com