Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FC40SA50FKP Datasheet(PDF) 8 Page - Vishay Siliconix

No. de pieza FC40SA50FKP
Descripción Electrónicos  Power MOSFET, 40 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FC40SA50FKP Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button FC40SA50FKP Datasheet HTML 2Page - Vishay Siliconix FC40SA50FKP Datasheet HTML 3Page - Vishay Siliconix FC40SA50FKP Datasheet HTML 4Page - Vishay Siliconix FC40SA50FKP Datasheet HTML 5Page - Vishay Siliconix FC40SA50FKP Datasheet HTML 6Page - Vishay Siliconix FC40SA50FKP Datasheet HTML 7Page - Vishay Siliconix FC40SA50FKP Datasheet HTML 8Page - Vishay Siliconix FC40SA50FKP Datasheet HTML 9Page - Vishay Siliconix FC40SA50FKP Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94542
8
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 12-May-10
FC40SA50FKP
Vishay Semiconductors
Power MOSFET, 40 A
CIRCUIT CONFIGURATION
CIRCUIT
CIRCUIT
CONFIGURATION CODE
CIRCUIT DRAWING
Single switch no diode
S
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95036
Packaging information
www.vishay.com/doc?95037
S (1-4)
D (3)
G (2)
Lead assignment
S
D
G
S
3
2
4
1


Número de pieza similar - FC40SA50FKP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
FC40SA50FK IRF-FC40SA50FK Datasheet
122Kb / 8P
   HEXFET Power MOSFET
More results

Descripción similar - FC40SA50FKP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-FA40SA50LC VISHAY-VS-FA40SA50LC Datasheet
307Kb / 10P
   Power MOSFET, 40 A
Revision: 01-Jun-16
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_V01 Datasheet
210Kb / 10P
   Power MOSFET, 40 A
01-Jan-2022
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_15 Datasheet
273Kb / 10P
   Power MOSFET, 40 A
Revision: 13-Aug-13
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_V02 Datasheet
210Kb / 10P
   Power MOSFET, 40 A
01-Jan-2023
logo
ON Semiconductor
NTMFS5830NLT1G ONSEMI-NTMFS5830NLT1G Datasheet
114Kb / 6P
   Power MOSFET 40 V, 172 A, 2.3 m
June, 2012 ??Rev. 2
NTMFS5C442NL ONSEMI-NTMFS5C442NL Datasheet
83Kb / 6P
   Power MOSFET 40 V, 121 A, Single N.Channel
June, 2014 ??Rev. 0
NTMFS5832NLT1G ONSEMI-NTMFS5832NLT1G Datasheet
117Kb / 6P
   Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTMFS5832NL ONSEMI-NTMFS5832NL Datasheet
117Kb / 6P
   Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTD5805N ONSEMI-NTD5805N_12 Datasheet
143Kb / 6P
   Power MOSFET 40 V, 51 A, Single N.Channel, DPAK
April, 2012 ??Rev. 4
STK984-190-E ONSEMI-STK984-190-E_16 Datasheet
698Kb / 11P
   MOSFET Power Module 40 V, 30 A, Compact DIP
June 2016 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com