Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SBT700-06RH Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza SBT700-06RH
Descripción Electrónicos  60V, 70A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBT700-06RH Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SBT700-06RH Datasheet HTML 1Page - Sanyo Semicon Device SBT700-06RH Datasheet HTML 2Page - Sanyo Semicon Device SBT700-06RH Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SBT700-06RH
No. A1635-1/3
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are
not guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an
independent device, the customer should always evaluate and test devices mounted in the customer
's
products or equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not
be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal
system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten
human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they
grant any guarantee thereof. If you should intend to use our products for applications outside the standard
applications of our customer who is considering such use and/or outside the scope of our intended standard
applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the
intended use, our customer shall be solely responsible for the use.
Applications
High frequency rectification (switching regulators, converters, choppers).
Features
Guaranteed up to Tj=150°C.
Low forward voltage (VF max=0.66V).
Fast reverse recovery time.
Low switching noise.
High reliability due to highly reliable planar structure.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
60
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
66
V
Average Output Current
I
O
50Hz resistive load, Sine wave Tc=44°C
70
A
Surge Forward Current
I
FSM
50Hz sine wave, 1 cycle
200
A
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reverse Voltage
VR
IR=10mA, Tj=25°C *
60
V
Forward Voltage
VF
IF=30A, Tj=25°C *
0.66
V
Reverse Current
IR
VR=30V, Tj=25°C *
1
mA
Note)
* : Value per element
Continued on next page.
Ordering number : ENA1635
D1609SD TK IM TC-00002217
SANYO Semiconductors
DATA SHEET
SBT700-06RH
www.semiconductor-sanyo.com/network
Schottky Barrier Diode (Twin Type • Cathode Common)
60V, 70A Rectifier


Número de pieza similar - SBT700-06RH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SBT700-06RH ONSEMI-SBT700-06RH Datasheet
200Kb / 5P
   Schottky Barrier Diode
June, 2013
SBT700-06RH-1E ONSEMI-SBT700-06RH-1E Datasheet
200Kb / 5P
   Schottky Barrier Diode
June, 2013
More results

Descripción similar - SBT700-06RH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KIA Semiconductor Techn...
70N06 KIA-70N06 Datasheet
388Kb / 14P
   70A 60V N-CHANNEL MOSFET
logo
Rohm
RD3L07BAT ROHM-RD3L07BAT Datasheet
2Mb / 14P
   Pch -60V -70A Power MOSFET
RX3L07BGN ROHM-RX3L07BGN Datasheet
2Mb / 14P
   Nch 60V 70A Power MOSFET
logo
Unisonic Technologies
RURFP064 UTC-RURFP064 Datasheet
132Kb / 2P
   70A, 60V N-CHANNEL POWER MOSFET
URFP064 UTC-URFP064 Datasheet
132Kb / 2P
   70A, 60V N-CHANNEL POWER MOSFET
logo
NTE Electronics
NTE6048 NTE-NTE6048 Datasheet
19Kb / 2P
   Industrial Silicon Rectifier, 70A
NTE6060 NTE-NTE6060 Datasheet
18Kb / 2P
   Industrial Silicon Rectifier, 70A
logo
MacMic
MMD70EB180X MACMIC-MMD70EB180X Datasheet
201Kb / 2P
   1800V 70A Rectifier Module
logo
Thinki Semiconductor Co...
CEP70N06 THINKISEMI-CEP70N06 Datasheet
1Mb / 7P
   70A,60V Heatsink Planar N-Channel Power MOSFET
CS70N06 THINKISEMI-CS70N06 Datasheet
1Mb / 7P
   70A,60V Heatsink Planar N-Channel Power MOSFET
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com