Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMA5101 Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de pieza SMA5101
Descripción Electrónicos  RF Double Balanced Mixer IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SMA5101 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  SMA5101 Datasheet HTML 1Page - Sanyo Semicon Device SMA5101 Datasheet HTML 2Page - Sanyo Semicon Device SMA5101 Datasheet HTML 3Page - Sanyo Semicon Device SMA5101 Datasheet HTML 4Page - Sanyo Semicon Device SMA5101 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMA5101
No. A1839-4/5
P1dB -- ICC
Collector Current, ICC -- mA
IIP3 -- ICC
Collector Current, ICC -- mA
Gc -- ICC
Collector Current, ICC -- mA
IT15978
0
5
10
15
25
20
25
15
10
5
20
0
--3dBm
P(LO)=
--
6dBm
0dBm
VCC=5V
f(RF1)=450MHz
f(RF2)=451MHz
f(LO)=500MHz
P(RF)= --15dBm
0
5
10
15
25
20
IT15976
10
0
--5
5
--10
--6dBm
VCC=5V
f(RF)=450MHz
f(LO)=500MHz
P(LO)=
--3dBm
0dBm
0
5
10
15
25
20
IT15977
10
0
--5
5
--10
--6dBm
VCC=5V
f(RF)=450MHz
f(LO)=500MHz
P(RF)= --15dBm
P(LO)= --3dBm
0dBm


Número de pieza similar - SMA5101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SMA5101 SANKEN-SMA5101 Datasheet
21Kb / 1P
   N-channel General purpose
logo
Sanyo Semicon Device
SMA5101 SANYO-SMA5101 Datasheet
607Kb / 7P
   RF Double Balanced Mixer IC
logo
ON Semiconductor
SMA5101 ONSEMI-SMA5101 Datasheet
666Kb / 7P
   Mixer, IIP3 15dBm, Gc -0.5dB 450MHz, MCPH6
August, 2013
SMA5101-TL-H ONSEMI-SMA5101-TL-H Datasheet
666Kb / 7P
   Mixer, IIP3 15dBm, Gc -0.5dB 450MHz, MCPH6
August, 2013
logo
Sanyo Semicon Device
SMA5101 SANYO-SMA5101_12 Datasheet
607Kb / 7P
   RF Double Balanced Mixer IC
More results

Descripción similar - SMA5101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
SMA5101 SANYO-SMA5101_12 Datasheet
607Kb / 7P
   RF Double Balanced Mixer IC
SPM5001 SANYO-SPM5001 Datasheet
37Kb / 3P
   RF Double Balanced Mixer
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
   Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer
M76H MA-COM-M76H Datasheet
1Mb / 3P
   Double-Balanced Mixer
M6E-50 MA-COM-M6E-50_15 Datasheet
651Kb / 3P
   Double-Balanced Mixer
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com