Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK672-440A-E Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza STK672-440A-E
Descripción Electrónicos  2-phase Stepping Motor Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-440A-E Datasheet(HTML) 5 Page - Sanyo Semicon Device

  STK672-440A-E_11 Datasheet HTML 1Page - Sanyo Semicon Device STK672-440A-E_11 Datasheet HTML 2Page - Sanyo Semicon Device STK672-440A-E_11 Datasheet HTML 3Page - Sanyo Semicon Device STK672-440A-E_11 Datasheet HTML 4Page - Sanyo Semicon Device STK672-440A-E_11 Datasheet HTML 5Page - Sanyo Semicon Device STK672-440A-E_11 Datasheet HTML 6Page - Sanyo Semicon Device STK672-440A-E_11 Datasheet HTML 7Page - Sanyo Semicon Device STK672-440A-E_11 Datasheet HTML 8Page - Sanyo Semicon Device STK672-440A-E_11 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
STK672-440A-E
No.A1128-5/21
Block Diagram
Sample Application Circuit
A
AB
B
BB
Excitation mode
selection
Rising edge /
falling edge
detection
Phase
advance
counter
Oscillator
Latch
PWM
control
Reference clock
generator
Power-on reset
Current divider
ratio switching
Pseudo sine
wave generator
Overheating
detection
4
9
MODE1
MODE2
10
11
CLOCK 12
CWB
17
ENABLE
S.G 18
FAULT1 16
53
1
P.G1
P.G2
2
6
Overcurrent
detection
+
-
+
-
+
-
SUB
VDD
15
13
MODE3
14
RESETB
Phase
excitation
signal
generator
7
8
19
Vref
FAULT2
MOI
1
÷4.9
VSS
100k
Ω
2-phase stepping motor
MOI
S.G
FAULT1
FAULT2
CWB
ENABLE
RESETB
CLOCK
VDD=5V
R01
17
11
10
12
9
13
15
14
7
19
4
5
3
1
A
AB
B
BB
P.G2
P.G1
2
6
18
16
8
+
+
C01
100
μF
C02
10
μF
VCC=24V
P.GND
Vref
R02
STK672-440A-E


Número de pieza similar - STK672-440A-E_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-440A-E SANYO-STK672-440A-E Datasheet
147Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
More results

Descripción similar - STK672-440A-E_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com